Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65261-1 Datasheet (PDF) - Texas Instruments

TPS65261-1 Datasheet PDF - Texas Instruments
Part # TPS65261-1
Download  TPS65261-1 Download
File Size   3054.89 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65265 4.5-V to 17-V Input Voltage, 5-A/3-A/2-A Output Current Triple Synchronous Step-Down Converter

TPS65261-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65261-1 Datasheet PDF - Texas Instruments

Part # TPS65261-1
Download  TPS65261-1 Click to download

File Size   3054.89 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65265 4.5-V to 17-V Input Voltage, 5-A/3-A/2-A Output Current Triple Synchronous Step-Down Converter

TPS65261-1 Datasheet (HTML) - Texas Instruments


TPS65261-1 Product details

1 Features
• Operating input voltage range 4.5 V to 17 V
• Feedback reference voltage 0.6 V ±1.33%
• Continuous output current 5 A/3 A/2 A
• Adjustable clock frequency from 250 kHz to
2.3 MHz
• External synchronization oscillator
• 120° out of phase for Buck1, Buck2, Buck3
• Dedicated enable pins for each buck
• Fixed SS time for each buck (2.4 ms)
• Automatic power-up, power-down sequence and
adjustable interval time between bucks (6
combinations)
• Support Pulse Skipping Mode (PSM) and Forced
Continuous Current Mode (FCCM)
• Output voltage power-good indicator and
adjustable delay time
• Thermal overloading protection
• 32-pin QFN (RHB) 5-mm × 5-mm package

2 Applications
• DTV
• Set-top boxes/OTT
• Home gateway and access point networks
• Surveillance

3 Description
The TPS65265 incorporates triple synchronous buck
converters with 4.5-V to 17-V wide input voltage range
that encompassed most intermediate bus voltage
operating off 5-, 9-, 12- or 15-V power bus or
battery. The converter with constant frequency peak
current mode is designed to simplify its application
while giving designers options to optimize the system
according to targeted applications. The switching
frequency of the converters can be adjustable from
250 kHz to 2.3 MHz with an external resistor or
external clock. 120° out-of-phase operation between
Buck1, Buck2, and Buck3 minimizes the input filter
requirements.
The TPS65265 operates in pulse skipping mode
(PSM) with driving MODE pin to high or leaving
float and operates in force continuous current mode
(FCC) with connecting MODE pin to GND. PSM
mode provides high efficiency by reducing switching
losses at light load and FCC mode reduces noise
susceptibility and RF interference.
The TPS65265 is available in a 32-pin thermal
enhanced QFN (RHB) 5-mm × 5-mm thin package.




Similar Part No. - TPS65261-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261-1 TI1-TPS65261-1 Datasheet
1Mb / 44P
4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65261-1 TI1-TPS65261-1 Datasheet
1Mb / 36P
2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65261-1 TI2-TPS65261-1 Datasheet
2Mb / 47P
TPS6526x 4.5-V to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
REVISED MAY 2023
TPS65261-1 TI2-TPS65261-1 Datasheet
2Mb / 42P
TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
REVISED JANUARY 2015
TPS65261-1RHBR TI1-TPS65261-1RHBR Datasheet
1Mb / 44P
4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
More results


Similar Description - TPS65261-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com