Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS84250 Datasheet (PDF) - Texas Instruments

TPS84250 Datasheet PDF - Texas Instruments
Part # TPS84250
Download  TPS84250 Download
File Size   1217.91 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS84250 7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution

TPS84250 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS84250 Datasheet PDF - Texas Instruments

Part # TPS84250
Download  TPS84250 Click to download

File Size   1217.91 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS84250 7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution

TPS84250 Datasheet (HTML) - Texas Instruments


TPS84250 Product details

1 FEATURES
1• Complete Integrated Power Solution Allows
Small Footprint, Low-Profile Design
• Wide Input-Voltage Range from 7 V to 50 V
• Output Adjustable from 2.5 V to 15 V
• 65-V Surge Capability
• Efficiencies Up to 96%
• Adjustable Switching Frequency
(300 kHz to 1 MHz)
• Synchronizes to an External Clock
• Adjustable Slow Start
• Output Voltage Sequencing and Tracking
• Power-Good Output
• Programmable Undervoltage Lockout (UVLO)
• Output Overcurrent Protection
• Overyemperature Protection
• Prebias Output Start-Up
• Operating Temperature Range: –40°C to +85°C
• Enhanced Thermal Performance: 14°C/W
• Meets EN55022 Class B Emissions
• For Design Help Visit http://www.ti.com/TPS84250

2 APPLICATIONS
• Industrial and Motor Controls
• Automated Test Equipment
• Medical and Imaging Equipment
• High Density Power Systems

3 DESCRIPTION
The TPS84250 is an easy-to-use integrated power
solution that combines a 2.5-A DC/DC converter with
an inductor and passives into a low profile, QFN
package. This total power solution allows as few as
five external components and eliminates the loop
compensation and magnetics part selection process.
The small 9 mm × 11 mm × 2.8 mm, QFN package is
easy to solder onto a printed circuit board and allows
a compact point-of-load design with greater than 90%
efficiency and excellent power dissipation capability.
The TPS84250 offers the flexibility and the featureset
of a discrete point-of-load design and is ideal for
powering a wide range of ICs and systems.
Advanced packaging technology affords a robust and
reliable power solution compatible with standard QFN
mounting and testing techniques.




Similar Part No. - TPS84250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84250EVM-001 TI1-TPS84250EVM-001 Datasheet
606Kb / 19P
TPS84250EVM-001 2.5-A, Integrated Power Solution
TPS84250RKG TI1-TPS84250RKG Datasheet
606Kb / 19P
TPS84250EVM-001 2.5-A, Integrated Power Solution
TPS84250RKGR TI1-TPS84250RKGR Datasheet
1,014Kb / 29P
7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
More results


Similar Description - TPS84250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84250_1212 TI1-TPS84250_1212 Datasheet
1,014Kb / 29P
7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com