Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM8A29 Datasheet (PDF) - Texas Instruments

TPSM8A29 Datasheet PDF - Texas Instruments
Part # TPSM8A29
Download  TPSM8A29 Download
File Size   3133.43 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM8A28, TPSM8A29 2.7-V to 16-V Input, 12-A, 15-A Buck Power Modules with Differential Remote Sense

TPSM8A29 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM8A29 Datasheet PDF - Texas Instruments

Part # TPSM8A29
Download  TPSM8A29 Click to download

File Size   3133.43 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM8A28, TPSM8A29 2.7-V to 16-V Input, 12-A, 15-A Buck Power Modules with Differential Remote Sense

TPSM8A29 Datasheet (HTML) - Texas Instruments


TPSM8A29 Product details

1 Features
• TPSM8A28: 3-V to 16-V input range up to 12 A
• TPSM8A29: 4-V to 16-V input range up to 15 A
• 2.7-V to 16-V input range with external bias
ranging from 4.75 V to 5.3 V
• Output voltage range: 0.6 V to 5.5 V
• Integrated MOSFET, inductor, and basic passives
• D-CAP3™ control mode with fast load-step
response
• Supports all ceramic output capacitors
• 0.6-V reference voltage has ±1% tolerance from
–40°C to +125°C junction temperature
• Selectable FCCM or auto-skip Eco-mode™ for high
light-load efficiency
• Programmable current limit with RTRIP
• Pin-selectable switching frequency: 600 kHz, 800
kHz, 1 MHz
• Differential remote sense for high output accuracy
• Programmable soft-start time
• External reference input for tracking
• Prebiased start-up capability
• Open-drain power-good output
• Hiccup for OC and UV faults, latch-off for OV faults
• 6.5-mm × 7.5-mm × 4.0-mm, RDG package
• Fully RoHS compliant without exemption

2 Applications
• Data center switch
• Core router
• Single board computer
• Optical module

3 Description
The TPSM8A28 and TPSM8A29 buck power modules
are small and highly efficient. This module family
contains integrates inductor and basic passives, and
does not require external compensation, minimizing
solution size.
Features include differential remote sense, highperformance
integrated MOSFETs, and an accurate
0.6-V reference, D-CAP3™ control mode,selectable
Skip-mode and programmable soft-start.
TPSM8A28 and TPSM8A29 are lead-free, and fully
RoHS compliant without exemption.




Similar Part No. - TPSM8A29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM8A29 TI-TPSM8A29 Datasheet
2Mb / 46P
TPSM8A29 2.7-V to 16-V Input, 15-A Buck Power Module with Differential Remote Sense
AUGUST 2021
TPSM8A29 TI-TPSM8A29 Datasheet
3Mb / 47P
TPSM8A28, TPSM8A29 2.7-V to 16-V Input, 12-A, 15-A Buck Power Modules with Differential Remote Sense
NOVEMBER 2021
TPSM8A29RDGR TI-TPSM8A29RDGR Datasheet
3Mb / 47P
TPSM8A28, TPSM8A29 2.7-V to 16-V Input, 12-A, 15-A Buck Power Modules with Differential Remote Sense
NOVEMBER 2021
More results


Similar Description - TPSM8A29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548A28 TI1-TPS548A28 Datasheet
2Mb / 48P
TPS548A28 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS548A29 TI1-TPS548A29 Datasheet
2Mb / 46P
TPS548A29 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS548A28 TI1-TPS548A28_V01 Datasheet
2Mb / 48P
TPS548A28 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS54JA20 TI1-TPS54JA20 Datasheet
2Mb / 42P
TPS54JA20 2.7-V to 16-V Input, 12-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Latch-off Current Limit
TPS542A50 TI-TPS542A50 Datasheet
3Mb / 39P
TPS542A50 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense and I2C
TPS542A52 TI-TPS542A52 Datasheet
3Mb / 33P
TPS542A52 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense
TPSM8A29 TI-TPSM8A29 Datasheet
2Mb / 46P
TPSM8A29 2.7-V to 16-V Input, 15-A Buck Power Module with Differential Remote Sense
AUGUST 2021
TPSM8A28 TI-TPSM8A28 Datasheet
3Mb / 47P
TPSM8A28, TPSM8A29 2.7-V to 16-V Input, 12-A, 15-A Buck Power Modules with Differential Remote Sense
NOVEMBER 2021
TPS548C26 TI-TPS548C26 Datasheet
2Mb / 39P
TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
MARCH 2023
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com