Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1702806 Datasheet (PDF) - PHOENIX CONTACT

1702806 Datasheet PDF - PHOENIX CONTACT
Part # 1702806
Download  1702806 Download
File Size   207.51 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCO 1,5/ 3-GL-3,81 BK - PCB header

1702806 Datasheet (PDF)

Go To PDF Page Download Datasheet
1702806 Datasheet PDF - PHOENIX CONTACT

Part # 1702806
Download  1702806 Click to download

File Size   207.51 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCO 1,5/ 3-GL-3,81 BK - PCB header

1702806 Datasheet (HTML) - PHOENIX CONTACT


1702806 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 3, number
of rows: 1, number of positions: 3, number of connections: 3, product range: MCO 1,5/..-GL,
pitch: 3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Orthogonal, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1702806

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702808 PHOENIX-1702808 Datasheet
76Kb / 3P
Base strip - DFK-IPC 16/ 9-GF-10,16
More results


Similar Description - 1702806

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861659 PHOENIX-1861659 Datasheet
106Kb / 6P
Base strip - MCO 1,5/ 3-GR-3,81
1861662 PHOENIX-1861662 Datasheet
106Kb / 6P
Base strip - MCO 1,5/ 4-GR-3,81
1861730 PHOENIX-1861730 Datasheet
81Kb / 4P
Base strip - MCO 1,5/ 3-GL-3,81
1861769 PHOENIX-1861769 Datasheet
107Kb / 6P
Base strip - MCO 1,5/ 6-GL-3,81
1703958 PHOENIX-1703958 Datasheet
69Kb / 3P
MC 1,5/ 3-STF-3,81 BK AU
1800242 PHOENIX-1800242 Datasheet
78Kb / 4P
Plug - MCVW 1,5/ 3-ST-3,81 BK
1800356 PHOENIX-1800356 Datasheet
80Kb / 4P
Header - MCD 1,5/ 4-G1-3,81 BK
2278319 PHOENIX-2278319 Datasheet
109Kb / 4P
MCO 1,5/ 3-G1L-3,5 KMGY
1830606 PHOENIX-1830606 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 3-GF-3,81
Jul 20, 2022
1161803 PHOENIX-1161803 Datasheet
417Kb / 9P
MCO 1,5/ 5-G1R-3,5 BU - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com