Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2200490 Datasheet (PDF) - PHOENIX CONTACT

2200490 Datasheet PDF - PHOENIX CONTACT
Part # 2200490
Download  2200490 Download
File Size   212.93 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBO 2,5/ 2-G1PL BK - PCB header

2200490 Datasheet (PDF)

Go To PDF Page Download Datasheet
2200490 Datasheet PDF - PHOENIX CONTACT

Part # 2200490
Download  2200490 Click to download

File Size   212.93 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBO 2,5/ 2-G1PL BK - PCB header

2200490 Datasheet (HTML) - PHOENIX CONTACT


2200490 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 16 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 2, number
of rows: 1, number of positions: 2, number of connections: 2, product range: MSTBO 2,5/..-
G1PL, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Orthogonal, locking: without, type of packaging: packed in cardboard, Product
with pin output on left side




Similar Part No. - 2200490

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200492 PHOENIX-2200492 Datasheet
618Kb / 21P
Series EH...F electronics housings
2015-03-05
More results


Similar Description - 2200490

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1932698 PHOENIX-1932698 Datasheet
97Kb / 2P
MSTBO 2,5/ 4-GR-5,08 BK
1982376 PHOENIX-1982376 Datasheet
84Kb / 3P
Base strip - MSTBO 2,5/ 6-GL-5,08 BK
2200251 PHOENIX-2200251 Datasheet
98Kb / 5P
Base strip - MSTBO 2,5/ 2-G1L THRR32 BK
2200252 PHOENIX-2200252 Datasheet
98Kb / 5P
Base strip - MSTBO 2,5/ 2-G1R THRR32 BK
2200325 PHOENIX-2200325 Datasheet
81Kb / 5P
Feed-through header - MSTBO 2,5/ 4-G1PL GY7035
2200328 PHOENIX-2200328 Datasheet
73Kb / 5P
Printed-circuit board connector - MSTBO 2,5/ 3-G1PL GY7035
2200485 PHOENIX-2200485 Datasheet
52Kb / 3P
Printed-circuit board connector - MSTBO 2,5/ 4-G1PL BK
2915216 PHOENIX-2915216 Datasheet
164Kb / 5P
MSTBO 2,5/ 3 G1L THRR44 BK
2915229 PHOENIX-2915229 Datasheet
176Kb / 5P
MSTBO 2,5/ 3 G1R THRR44 BK
2854788 PHOENIX-2854788 Datasheet
129Kb / 9P
Feed-through header - MSTBO 2,5/ 2-G1L KMGY
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com