Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM53604 Datasheet (PDF) - Texas Instruments

TPSM53604 Datasheet PDF - Texas Instruments
Part # TPSM53604
Download  TPSM53604 Download
File Size   1616.98 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM53604 36-V Input, 4-A Power Module in Enhanced HotRod™ QFN Package

TPSM53604 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM53604 Datasheet PDF - Texas Instruments

Part # TPSM53604
Download  TPSM53604 Click to download

File Size   1616.98 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM53604 36-V Input, 4-A Power Module in Enhanced HotRod™ QFN Package

TPSM53604 Datasheet (HTML) - Texas Instruments


TPSM53604 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 5-mm × 5.5-mm × 4-mm Enhanced HotRod™ QFN
package
– Industry’s smallest 36-V, 4-A footprint:
85 mm2 solution size (single sided)
– Low EMI: meets CISPR11 radiated emissions
– Excellent thermal performance:
up to 20 W output power at 85°C, no airflow
– Standard footprint: single large thermal pad and
all pins accessible from perimeter
• Input voltage range: 3.8 V to 36 V
• Output voltage range: 1 V to 7 V
• Efficiency up to 95%
• Power-good flag
• Precision enable
• Built-in hiccup-mode short-circuit protection, overtemperature
protection, start-up into pre-bias
output, soft start, and UVLO
• Operating IC junction range: –40°C to +125°C
• Operating ambient range: –40°C to +105°C
• Shock and vibration tested to Mil-STD-883D
• Pin compatible with: 3-A TPSM53603
and 2-A TPSM53602
• Create a custom design using the TPSM53604
with the WEBENCH® Power Designer
• Download the EVM Design Files for fast board
design

2 Applications
• General purpose wide VIN power supplies
• Factory automation and control
• Test and measurement
• Aerospace and defense
• Negative output voltage applications

3 Description
The TPSM53604 power module is a highly integrated
4-A power solution that combines a 36-V input,
step-down, DC/DC converter with power MOSFETs,
a shielded inductor, and passives in a thermallyenhanced
QFN package. The 5-mm x 5.5-mm x 4-
mm, 15-pin package uses Enhanced HotRod QFN
technology for improved thermal performance, small
footprint, and low EMI. The package footprint has all
pins accessible from the perimeter and a single large
thermal pad for simple layout and easy handling in
manufacturing.
The total solution requires as few as four
external components and eliminates the loop
compensation and magnetics part selection from
the design process. The full feature set includes
power good, programmable UVLO, prebias start-up,
overcurrent, and overtemperature protections, making
the TPSM53604 an excellent device for powering a
wide range of applications.




Similar Part No. - TPSM53604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM53604RDAR TI1-TPSM53604RDAR Datasheet
1Mb / 33P
TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
More results


Similar Description - TPSM53604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM53602 TI1-TPSM53602 Datasheet
1Mb / 33P
TPSM53602 36-V Input, 2-A Power Module in RLF QFN Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM5601R5H TI-TPSM5601R5H Datasheet
1Mb / 29P
TPSM5601R5Hx, 60-V Input, 1-V to 16-V Output, 1.5-A Power Module in Enhanced HotRod??QFN Package
TPSM5601R5 TI-TPSM5601R5 Datasheet
2Mb / 33P
TPSM5601R5, 60-V Input, 1-V to 6-V Output, 1.5-A Power Module in an Enhanced HotRod??QFN Package
SEPTEMBER 2021
TPSM560R6 TI-TPSM560R6 Datasheet
2Mb / 31P
TPSM560R6, 60-V Input, 1-V to 6-V Output, 600-mA Power Module in Enhanced HotRod??QFN Package
SEPTEMBER 2021
TPSM63606 TI-TPSM63606 Datasheet
2Mb / 38P
TPSM63606 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 6-A Power Module With Enhanced HotRod??QFN Package
OCTOBER 2021
TPSM63603 TI-TPSM63603_V01 Datasheet
3Mb / 47P
TPSM63603 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
NOVEMBER 2021
TPSM33625 TI-TPSM33625 Datasheet
1Mb / 42P
TPSM33625, 3-V to 36-V Input, 1-V to 15-V Output, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com