Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF370417 Datasheet (PDF) - Texas Instruments

TRF370417 Datasheet PDF - Texas Instruments
Part # TRF370417
Download  TRF370417 Download
File Size   1739.85 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF370417 50-MHz to 6-GHz Quadrature Modulator

TRF370417 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF370417 Datasheet PDF - Texas Instruments

Part # TRF370417
Download  TRF370417 Click to download

File Size   1739.85 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF370417 50-MHz to 6-GHz Quadrature Modulator

TRF370417 Datasheet (HTML) - Texas Instruments


TRF370417 Product details

1 Features
1• 76-dBc Single-Carrier WCDMA ACPR at –8 dBm
Channel Power
• Low Noise Floor: –162.3 dBm/Hz at 2140 MHz
• OIP3 of 26.5 dBm at 2140 MHz
• P1dB of 12 dBm at 2140 MHz
• Carrier Feedthrough of –38 dBm at 2140 MHz
• Side-Band Suppression of –50 dBc at 2140 MHz
• Single Supply: 4.5-V–5.5-V Operation
• Silicon Germanium Technology
• 1.7-V CM at I, Q Baseband Inputs

2 Applications
• Cellular Base Station Transceiver
• CDMA: IS95, UMTS, CDMA2000, TD-SCDMA
• TDMA: GSM, IS-136, EDGE/UWC-136
• Multicarrier GSM
• WiMAX: 802.16d/e
• 3GPP: LTE
• Point-to-Point (P2P) Microwave
• Wideband Software-Defined Radio
• Public Safety: TETRA/APC025
• Communication-System Testers
• Cable Modem Termination System (CMTS)

3 Description
The TRF370417 is a low-noise direct quadrature
modulator, capable of converting complex modulated
signals from baseband or IF directly up to RF. The
TRF370417 is a high-performance, superior-linearity
device that operates at RF frequencies of 50 MHz
through 6 GHz. The modulator is implemented as a
double-balanced mixer. The RF output block consists of a differential to single-ended converter and an RF
amplifier capable of driving a single-ended 50-Ω load
without any need of external components. The
TRF370417 requires a 1.7-V common-mode voltage for optimum linearity performance.




Similar Part No. - TRF370417

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
50-MHz to 6-GHz Quadrature Modulator
TRF370417 TI1-TRF370417 Datasheet
111Kb / 6P
QUADRATURE MODULATOR
TRF370417 TI-TRF370417 Datasheet
1Mb / 31P
50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results


Similar Description - TRF370417

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
50 MHz to 2200 MHz Quadrature Modulator
10/06-Revision 0
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
300-MHz to 4-GHz Quadrature Modulator
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
logo
Texas Instruments
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
300-MHz to 4-GHz Quadrature Modulator
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
300-MHz to 4-GHz Quadrature Modulator
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
50-MHz to 6-GHz Quadrature Modulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com