Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF37T05 Datasheet (PDF) - Texas Instruments

TRF37T05 Datasheet PDF - Texas Instruments
Part # TRF37T05
Download  TRF37T05 Download
File Size   1758.91 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF37T05 300-MHz to 4-GHz Quadrature Modulator

TRF37T05 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF37T05 Datasheet PDF - Texas Instruments

Part # TRF37T05
Download  TRF37T05 Click to download

File Size   1758.91 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF37T05 300-MHz to 4-GHz Quadrature Modulator

TRF37T05 Datasheet (HTML) - Texas Instruments


TRF37T05 Product details

1 Features
1• High Linearity:
– Output IP3: 30 dBm at 1850 MHz
• Low Output Noise Floor: –160 dBm/Hz
• 78-dBc Single-Carrier WCDMA ACPR
at –10-dBm Channel Power
• Unadjusted Carrier Suppression: –40 dBm
• Unadjusted Sideband Suppression: –45 dBc
• Single Supply: 3.3-V Operation
• 1-bit Gain Step Control to•
Fast Power-Up/Power-Down

2 Applications
• Cellular Base Station Transmitter
• CDMA: IS95, UMTS, CDMA2000, TD-SCDMA
• LTE (Long Term Evolution), TD-LTE
• TDMA: GSM, EDGE/UWC-136
• Multicarrier GSM (MC-GSM)
• Wireless MAN Wideband Transceivers

3 Description
The TRF37T05 is a low-noise direct quadrature
modulator with exceptional TDD performance. It is capable of converting complex modulated signals
from baseband or IF directly up to RF. The
TRF37T05 is a high-performance, superior-linearity
device that is ideal to up-convert to RF frequencies of
300 MHz (Note: appropriate matching network is required for optimal performance at 300 MHz)
through 4 GHz. The modulator is implemented as a
double-balanced mixer.
The RF output block consists of a differential-to•
single-ended converter that is capable of driving a
single-ended 50-Ω load. The TRF37T05 requires a
0.25-V common-mode voltage for optimum linearity performance. The TRF37T05 also provides a fast
power-down pin that can be used to reduce power
dissipation while maintaining optimized adjusted
carrier feed-through performance in TDD applications.
The TRF37T05 is available in an RGE-24 VQFN package.




Similar Part No. - TRF37T05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37T05 TI-TRF37T05 Datasheet
1Mb / 36P
300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
300-MHz to 4-GHz Quadrature Modulator
TRF37T05EVM TI1-TRF37T05EVM Datasheet
197Kb / 10P
TRF37T05 modulator with a TRF37T05EVM evaluation module.
TRF37T05IRGER TI-TRF37T05IRGER Datasheet
1Mb / 36P
300-MHz to 4-GHz Quadrature Modulator
TRF37T05IRGER TI1-TRF37T05IRGER Datasheet
1Mb / 40P
300-MHz to 4-GHz Quadrature Modulator
More results


Similar Description - TRF37T05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
300 MHZ QUADRATURE MODULATOR
logo
Analog Devices
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
logo
Texas Instruments
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
ATMEL Corporation
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
300-MHz Quadrature Modulator
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI-TRF37T05 Datasheet
1Mb / 36P
300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
300-MHz to 4-GHz Quadrature Modulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com