Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRSF3243EIPWR Datasheet (PDF) - Texas Instruments

TRSF3243EIPWR Datasheet PDF - Texas Instruments
Part # TRSF3243EIPWR
Download  TRSF3243EIPWR Download
File Size   1730.29 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRSF3243E 3-V to 5.5-V Multichannel RS-232 Compatible Line Driver and Receiver with ±15-kV IEC ESD protection

TRSF3243EIPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TRSF3243EIPWR Datasheet PDF - Texas Instruments

Part # TRSF3243EIPWR
Download  TRSF3243EIPWR Click to download

File Size   1730.29 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRSF3243E 3-V to 5.5-V Multichannel RS-232 Compatible Line Driver and Receiver with ±15-kV IEC ESD protection

TRSF3243EIPWR Datasheet (HTML) - Texas Instruments


TRSF3243EIPWR Product details

1 Features
• ESD protection for RS-232 bus pins
– ±15-kV Human-body model (HBM)
– ±8-kV IEC61000-4-2, Contact discharge
– ±15-kV IEC61000-4-2, Air-gap discharge
• Operates with single 3-V to 5.5-V VCC supply
• Always-active noninverting receiver output
(ROUT2B)
• Low standby current: 1 μA typical
• External capacitors: 4 × 0.1 μF
• Accepts 5-V logic input with 3.3-V supply
• Serial-mouse driveability
• Supports operation up to 1 Mbit/s
• Auto-powerdown feature to disable driver outputs
when no valid RS-232 signal is sensed
• Available in space-saving RHB (5 mm x 5 mm
QFN-32) package

2 Applications
• Industrial PCs
• Wired networking
• Data center and networking equipment
• Notebooks
• Hand-held equipment

3 Description
The TRSF3243E consists of three line drivers,
five line receivers, and a dual charge-pump circuit
with ±15-kV ESD (HBM and IEC61000-4-2, Air-Gap
Discharge) and ±8-kV ESD (IEC61000-4-2, Contact
Discharge) protection on serial-port connection pins.
This device provides the electrical interface between
an asynchronous communication controller and the
serial-port connector. The charge pump and four small
external capacitors allow operation from a single 3-V
to 5.5-V supply. In addition, this device includes an
always-active noninverting output (ROUT2B), which
allows applications using the ring indicator to transmit
data while the device is powered down. The device
operates at data signaling rates up to 1 Mbit/s and an
increased slew-rate range of 18 V/μs to 150 V/μs.
Flexible control options for power management are
available when the serial port is inactive. The autopowerdown
feature functions when FORCEON is
low and FORCEOFF is high. During this mode of
operation, if the device does not sense a valid
RS-232 signal, the driver outputs are disabled. If
FORCEOFF is set low, both drivers and receivers
(except ROUT2B) are shut off, and the supply current
is reduced to 1 μA. Disconnecting the serial port
or turning off the peripheral drivers causes the autopowerdown
condition to occur.




Similar Part No. - TRSF3243EIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3243EIPWR TI-TRSF3243EIPWR Datasheet
1Mb / 29P
TRSF3243E 3-V to 5.5-V Multichannel RS-232 Compatible Line Driver and Receiver with ±15-kV IEC ESD protection
REVISED SEPTEMBER 2022
More results


Similar Description - TRSF3243EIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3232E TI-MAX3232E_07 Datasheet
352Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232 TI-MAX3232_09 Datasheet
615Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
TRS3232E TI-TRS3232E Datasheet
444Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_10 Datasheet
740Kb / 26P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E_101 TI-MAX3232E_101 Datasheet
531Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3243E TI-TRSF3243E Datasheet
2Mb / 26P
TRSF3243E 3-V to 5.5-V Multichannel RS-232 Compatible Line Driver and Receiver with 짹15-kV IEC ESD protection
NOVEMBER 2021
TRSF3243E TI-TRSF3243E_V01 Datasheet
1Mb / 29P
TRSF3243E 3-V to 5.5-V Multichannel RS-232 Compatible Line Driver and Receiver with ±15-kV IEC ESD protection
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com