Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12A4514D Datasheet (PDF) - Texas Instruments

TS12A4514D Datasheet PDF - Texas Instruments
Part # TS12A4514D
Download  TS12A4514D Download
File Size   719.85 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SPST CMOS ANALOG SWITCHES

TS12A4514D Datasheet (PDF)

Go To PDF Page Download Datasheet
TS12A4514D Datasheet PDF - Texas Instruments

Part # TS12A4514D
Download  TS12A4514D Click to download

File Size   719.85 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SPST CMOS ANALOG SWITCHES

TS12A4514D Datasheet (HTML) - Texas Instruments


TS12A4514D Product details

1FEATURES
· 2-V to 12-V Single-Supply Operation
· Specified ON-State Resistance:
– 15 Ω Max With 12-V Supply
– 20 Ω Max With 5-V Supply
– 50 Ω Max With 3.3-V Supply
· Specified Low OFF-Leakage Currents:
– 1 nA at 25°C
– 10 nA at 85°C
· Specified Low ON-Leakage Currents:
– 1 nA at 25°C
– 10 nA at 85°C
· Low Charge Injection: 11.5 pC (12-V Supply)
· Fast Switching Speed:
tON = 80 ns, tOFF = 50 ns (12-V Supply)
· Break-Before-Make Operation (tON > tOFF)
· TTL/CMOS-Logic Compatible With 5-V Supply

DESCRIPTION/ORDERING INFORMATION
The TS12A4514/TS12A4515 are single pole/single throw (SPST), low-voltage, single-supply CMOS analog
switches, with very low switch ON-state resistance. The TS12A4514 is normally open (NO). The TS12A4515 is
normally closed (NC).
These CMOS switches can operate continuously with a single supply between 2 V and 12 V. Each switch can
handle rail-to-rail analog signals. The OFF-leakage current maximum is only 1 nA at 25°C or 10 nA at 85°C.
All digital inputs have 0.8-V to 2.4-V logic thresholds, ensuring TTL/CMOS-logic compatibility when using a 5-V
supply.
For pin-compatible parts for use with dual supplies, see the TS12A4516/TS12A4517.




Similar Part No. - TS12A4514D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A4514D TI-TS12A4514D Datasheet
269Kb / 15P
LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4514D TI2-TS12A4514D Datasheet
712Kb / 21P
SPST CMOS ANALOG SWITCHES
REVISED MARCH 2009
TS12A4514D.A TI2-TS12A4514D.A Datasheet
712Kb / 21P
SPST CMOS ANALOG SWITCHES
REVISED MARCH 2009
TS12A4514D.B TI2-TS12A4514D.B Datasheet
712Kb / 21P
SPST CMOS ANALOG SWITCHES
REVISED MARCH 2009
TS12A4514DBVR TI-TS12A4514DBVR Datasheet
269Kb / 15P
LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
More results


Similar Description - TS12A4514D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
Quad SPST CMOS Analog Switches
25-Jun-07
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
logo
Texas Instruments
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
SPST CMOS ANALOG SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com