Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A5223 Datasheet (PDF) - Texas Instruments

TS3A5223 Datasheet PDF - Texas Instruments
Part # TS3A5223
Download  TS3A5223 Download
File Size   565.01 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3A5223 0.45 Ω 2-Channel SPDT Bidirectional Analog Switch

TS3A5223 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3A5223 Datasheet PDF - Texas Instruments

Part # TS3A5223
Download  TS3A5223 Click to download

File Size   565.01 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3A5223 0.45 Ω 2-Channel SPDT Bidirectional Analog Switch

TS3A5223 Datasheet (HTML) - Texas Instruments


TS3A5223 Product details

1 Features
1• Low ON Resistance Switches
– 0.45 Ω (Typical) at 3.6 V
– 0.85 Ω (Typical) at 1.8 V
• Wide Supply Range: 1.65 V to 3.6 V
• 1.0 V Compatible Logic Interface
• High Switch Bandwidth 80 MHz
• 0.01% THD Across Entire Band
• Specified min Break-before-make
• Bi-directional Switching
• –75 dB Channel-to-Channel Crosstalk
• –70 dB Channel-to-Channel OFF Isolation of Very
Low Power Dissipation and Leakage Currents
• Very Small QFN-10 Package: 1.8 mm × 1.4 mm
• ESD Protection on all Pins
– 2 kV HBM, 500 V CDM

2 Applications
• Portable Electronics
• Smartphones, Tablets
• Home Electronics
• Wireline Communication

3 Description
The TS3A5223 is a high-speed 2-channel analog
switch with break-before-make and bi-directional
signal switching capability. The TS3A5223 can be
used as a dual 2:1 multiplexer or a 1:2 dual demultiplexer.
The TS3A5223 offers very low ON resistance, very
low THD, channel-to-channel crosstalk and very high
OFF isolation. These features make TS3A5223
suitable for application in Audio signal routing and
switching applications.
The TS3A5223 control logic supports 1 V – 3.6 V
CMOS logic levels. The logic interface allows direct
interface with a wide range of CPUs and
microcontrollers without increasing the current drawn
from supply (ICC) and thus lowering power
consumption.




Similar Part No. - TS3A5223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
0.45ohm Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223 Datasheet
872Kb / 15P
0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI2-TS3A5223 Datasheet
565Kb / 22P
TS3A5223 0.45 Ω 2-Channel SPDT Bidirectional Analog Switch
REVISED APRIL 2017
TS3A5223RSWR TI-TS3A5223RSWR Datasheet
871Kb / 14P
0.45ohm Dual SPDT Bidirectional Analog Switch
TS3A5223RSWR TI1-TS3A5223RSWR Datasheet
872Kb / 15P
0.45廓 Dual SPDT Bidirectional Analog Switch
More results


Similar Description - TS3A5223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
Low-Voltage, 0.45-Ω, SPDT Analog Switch
30-Apr-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
12-Sep-05
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
01-Jan-07
logo
Texas Instruments
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
0.45ohm Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
0.45廓 Dual SPDT Bidirectional Analog Switch
logo
Vishay Siliconix
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com