Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70402 Datasheet (PDF) - Texas Instruments

TPS70402 Datasheet PDF - Texas Instruments
Part # TPS70402
Download  TPS70402 Download
File Size   1302.93 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS

TPS70402 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS70402 Datasheet PDF - Texas Instruments

Part # TPS70402
Download  TPS70402 Click to download

File Size   1302.93 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS

TPS70402 Datasheet (HTML) - Texas Instruments


TPS70402 Product details

1FEATURES
23• Dual Output Voltages for Split-Supply
Applications
• Independent Enable Functions (See Part
Number TPS703xx for Sequenced Outputs)
• Output Current Range of 1 A on Regulator 1
and 2 A on Regulator 2
• Fast Transient Response
• Voltage Options: 3.3-V/2.5-V, 3.3-V/1.8-V,
3.3-V/1.5-V, 3.3-V/1.2-V, and Dual Adjustable
Outputs
• Open Drain Power-On Reset with 120-ms Delay
• Open Drain Power Good for Regulator 1 and
Regulator 2
• Ultralow 185mA (typ) Quiescent Current
• 2mA Input Current During Standby
• Low Noise: 78mVRMS Without Bypass Capacitor
• Quick Output Capacitor Discharge Feature
• One Manual Reset Input
• 2% Accuracy Over Load and Temperature
• Undervoltage Lockout (UVLO) Feature
• 24-Pin PowerPAD™ TSSOP Package
• Thermal Shutdown Protection

DESCRIPTION
The TPS704xx family of devices consists of
dual-output, low-dropout voltage regulators with
integrated SVS (RESET, POR, or power on reset)
and power good (PG) functions. These devices are
capable of supplying 1 A and 2 A by regulator 1 and
regulator 2 respectively. Quiescent current is typically
185 mA at full load. Differentiated features, such as
accuracy, fast transient response, SVS supervisory
circuit (power on reset), manual reset input, and
independent enable functions provide a complete
system solution.




Similar Part No. - TPS70402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70402 TI-TPS70402 Datasheet
571Kb / 32P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70402 TI-TPS70402 Datasheet
892Kb / 40P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70402 TI2-TPS70402 Datasheet
1Mb / 44P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
REVISED APRIL 2010
TPS70402PWP TI-TPS70402PWP Datasheet
571Kb / 32P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70402PWP TI-TPS70402PWP Datasheet
892Kb / 40P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results


Similar Description - TPS70402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com