Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLES141H Datasheet (PDF) - Texas Instruments

SLES141H Datasheet PDF - Texas Instruments
Part # SLES141H
Download  SLES141H Download
File Size   964.73 Kbytes
Page   109 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support

SLES141H Datasheet (PDF)

Go To PDF Page Download Datasheet
SLES141H Datasheet PDF - Texas Instruments

Part # SLES141H
Download  SLES141H Click to download

File Size   964.73 Kbytes
Page   109 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support

SLES141H Datasheet (HTML) - Texas Instruments


SLES141H Product details

1.1 Features
1234
• Four 30-MSPS 11-Bit A/D Channels With
Programmable Gain Control
• Supports NTSC (J, M, 4.43), PAL (B, D, G, H, I,
M, N, Nc, 60), SECAM (B, D, G, K, K1, L), CVBS,
and S-Video
• Supports Analog SD YPbPr Component and
SCART (RGB/YPbPr + CVBS) Video Formats
With Embedded Sync
• Ten Analog Video Input Terminals for
Multisource Connection
• User-Programmable Video Output Formats
– 10-Bit ITU-R BT.656 4:2:2 YCbCr With
Embedded Syncs
– 10-Bit 4:2:2 YCbCr With Separate Syncs
– 20-Bit 4:2:2 YCbCr With Separate Syncs
– 2× Sampled Raw VBI Data in Active Video
During Vertical Blanking Period
– Sliced VBI Data During Vertical Blanking
Period or Active Video Period (Full-Field
Mode)
• HSYNC/VSYNC Outputs With Programmable
Position, Polarity, Width, and Field ID (FID)
Output
• Component Video Processing
– Gain (Contrast) and Offset (Brightness)
Adjustments
– Automatic Component Video Detection
(525/625)
– Color Space Conversion from RGB to YCbCr
• Composite and S-Video Processing
– Adaptive 2-D 5-Line Adaptive Comb Filter for
Composite Video Inputs; Chroma-Trap
Available
– Automatic Video Standard Detection
(NTSC/PAL/SECAM) and Switching
– Luma Peaking With Programmable Gain
– Patented Chroma Transient Improvement
(CTI) Circuit
– Patented Architecture for Locking to Weak,
Noisy, or Unstable Signals
– Single 14.31818-MHz Reference Crystal for
All Standards
– Line-Locked Internal Pixel Sampling Clock
Generation With Horizontal and Vertical Lock
Signal Outputs
– Genlock Output RTC Format for Downstream
Video Encoder Synchronization
• Certified Macrovision™ Copy Protection
Detection
• Available in Commercial (0°C to 70°C) and
Industrial (−40°C to 85°C) Temperature Ranges
• VBI Data Processor
– Teletext (NABTS, WST)
– CC and Extended Data Service (EDS)
– Wide Screen Signaling (WSS)
– Copy Generation Management System
(CGMS)
– Video Program System (VPS/PDC)
– Vertical Interval Time Code (VITC)
– Gemstar™ 1×/2× Mode
– V-Chip Decoding
– Register Readback of CC, WSS (CGMS),
VPS/PDC, VITC and Gemstar 1×/2× Sliced
Data
• I2C Host Port Interface
• Reduced Power Consumption: 1.8-V Digital
Core, 3.3-V Digital I/O, and 1.8-V Analog Core
With Power-Save and Power-Down Modes
• 80-Terminal TQFP PowerPAD™ Package
• RGB Sync on Green Not Currently Supported,
All References to "RGB" in This Data Manual
Imply "SCART RGB"

1.2 Description
The TVP5146M2 device is a high-quality single-chip digital video decoder that digitizes and decodes all
popular baseband analog video formats into digital component video. The TVP5146M2 decoder supports
the analog-to-digital (A/D) conversion of component RGB and YPbPr signals, as well as the A/D
conversion and decoding of NTSC, PAL, and SECAM composite and S-Video into component YCbCr.
This decoder includes four 11-bit 30-MSPS A/D converters (ADCs). Preceding each ADC in the device,
the corresponding analog channel contains an analog circuit that clamps the input to a reference voltage
and applies a programmable gain and offset. A total of ten video input terminals can be configured to a
combination of RGB, YPbPr, CVBS, or S-Video video inputs.
Component, composite, or S-Video signals are sampled at 2× the ITU-R BT.601 clock frequency, line
locked, and are then decimated to the 1× pixel rate. CVBS decoding utilizes 5-line adaptive comb filtering
for both the luma and chroma data paths to reduce both cross-luma and cross-chroma artifacts. A chroma
trap filter is also available. On CVBS and S-Video inputs, the user can control video characteristics, such
as contrast, brightness, saturation, and hue via an I2C host port interface. Furthermore, luma peaking
(sharpness) with programmable gain is included, as well as a patented chroma transient improvement
(CTI) circuit.
A built-in color space converter is applied to decoded component RGB data.
Two output formats can be selected: 20-bit 4:2:2 YCbCr or 10-bit 4:2:2 YCbCr.
The TVP5146M2 decoder generates synchronization, blanking, field, active video window, horizontal and
vertical syncs, clock, genlock (for downstream video encoder synchronization), host CPU interrupt, and
programmable logic I/O signals, in addition to digital video outputs.
The TVP5146M2 decoder includes methods for advanced vertical blanking interval (VBI) data retrieval.
The VBI data processor (VDP) slices, parses, and performs error checking on teletext, closed caption
(CC), and other VBI data. A built-in FIFO stores up to 11 lines of teletext data and, with proper host port
synchronization, full-screen teletext retrieval is possible. The TVP5146M2 decoder can pass through the
output formatter 2× the sampled raw luma data for host-based VBI processing.
The main blocks of the TVP5146M2 decoder include:
• Robust sync detection for weak and noisy signals as well as VCR trick modes
• Y/C separation by 2-D 5-line adaptive comb or chroma trap filter
• Fast-switch input for pixel-by-pixel switching between CVBS and YPbPr/RGB component video inputs
(SCART support)
• Four 11-bit 30-MSPS ADCs with analog preprocessors [clamp and automatic gain control (AGC)]
• Luminance processor
• Chrominance processor
• Component processor
• Clock/timing processor and power-down control
• Software-controlled power-saving standby mode
• Output formatter
• I2C host port interface
• VBI data processor
• Macrovision™ copy protection detection circuit (Type 1, 2, 3, and separate color stripe detection)
• 3.3-V tolerant digital I/O ports




Similar Part No. - SLES141H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLES135E TI2-SLES135E Datasheet
1Mb / 113P
NTSC/PAL/SECAM/Component 2x10-Bit Digital Video Decoder
Revised April 2011
More results


Similar Description - SLES141H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5146 TI-TVP5146 Datasheet
537Kb / 103P
NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
TVP5146M2PFP TI-TVP5146M2PFP Datasheet
1Mb / 100P
NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5147PFP TI-TVP5147PFP_07 Datasheet
1Mb / 100P
NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision??Detection,YPbPr Inputs,and 5-Line Comb Filter
TVP5147M1PFP TI-TVP5147M1PFP_07 Datasheet
1Mb / 100P
NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5147M1 TI-TVP5147M1_08 Datasheet
1Mb / 101P
NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Felter
TVP5146M2PFP_0708 TI-TVP5146M2PFP_0708 Datasheet
1Mb / 108P
NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146M2 TI1-TVP5146M2 Datasheet
964Kb / 107P
NTSC/PAL/SECAM 4횞10-Bit Digital Video Decoder With Macrovision??Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
TVP5146 TI1-TVP5146_12 Datasheet
1Mb / 109P
NTSC/PAL/SECAM 4x10-Bit Digital Video Decoder With Macrovision田?Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5147PFP TI1-TVP5147PFP_16 Datasheet
1Mb / 100P
2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com