Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLES243G Datasheet (PDF) - Texas Instruments

SLES243G Datasheet PDF - Texas Instruments
Part # SLES243G
Download  SLES243G Download
File Size   1308.24 Kbytes
Page   110 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Four-Channel NTSC/PAL Video Decoders

SLES243G Datasheet (PDF)

Go To PDF Page Download Datasheet
SLES243G Datasheet PDF - Texas Instruments

Part # SLES243G
Download  SLES243G Click to download

File Size   1308.24 Kbytes
Page   110 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Four-Channel NTSC/PAL Video Decoders

SLES243G Datasheet (HTML) - Texas Instruments


SLES243G Product details

1.1 Features
1234
• Common Device Features
(TVP5158, TVP5157, and TVP5156)
– Four separate video decoder channels
having the following features for each
channel line•
Accepts NTSC (J, M, 4.43) and PAL (B, D,
G, H, I, M, N, Nc, 60) video data
• Composite video inputs, pseudo-
differential video inputs to improved
noise immunity
• High-speed 10-bit ADC
• Fully differential CMOS analog
preprocessing channels with clamping
• Integrated anti-aliasing filter
• 2D 5-line (5H) adaptive comb filter
• Noise reduction and auto contrast
• Robust automatic video standard
detection (NTSC/PAL) and switching
• Programmable hue, saturation,
sharpness, brightness, and contrast
• Luma-peaking processing
• Patented architecture for locking to weak,
noisy, or unstable signals
– Four independent scalers support horizontal
and/or vertical 2:1 downscaling
– Channel multiplexing capabilities with
metadata insertion
• Pixel-interleaved mode supports up to
four-channel D1 multiplexed 8-bit output
at 108 MHz
• Supports concurrent NTSC and PAL
inputs
– Support crystal interface with on-chip
oscillator and single clock input mode
– Single 27-MHz clock input or crystal for all
standards and all channels
– Internal phase-locked loop (PLL) for line•
locked clock (separate for each channel) and
sampling
– Standard programmable video output format
• ITU-R BT.656, 8-bit 4:2:2 with embedded
syncs
• YCbCr 16-bit 4:2:2 with embedded syncs
– Macrovision™ copy protection detection
– 3.3-V compatible I/O
– 128-pin TQFP package
– Available in commercial (0°C to 70°C)
temperature range
• Additional TVP5158 and TVP5157 Specific
Features
– Integrated four-channel audio ADC with
audio sample rate of 8 kHz or 16 kHz
– Support Master and Slave mode I2S Output
– Support audio cascade connection
• Additional TVP5158 Specific Features
– Enhanced channel multiplexing capability –
Line-interleaved mode
– Four-channel D1 multiplexed output at 8 bit
at 108 MHz
– Video cascade connection for 8-Ch CIF, 8-Ch
Half-D1, and 8-Ch CIF + 1-Ch D1 outputs
– Also available in Industrial (-40°C to 85°C)
temperature range
• Qualified for Automotive Applications
(AEC-Q100 Rev G – TVP5158IPNPQ1,
TVP5158IPNPRQ1)

1.2 Applications
• Security and surveillance digital video recorders or servers and PCI products
• Automotive infotainment video hub
• Large format video wall displays
• Game systems

1.3 Description
The TVP5158, TVP5157, and TVP5156 devices are 4-channel high-quality NTSC/PAL video decoders
that digitize and decode all popular base-band analog video formats into digital video output. Each
channel of this decoder includes 10-bit 27-MSPS A/D converter (ADC). Preceding each ADC in the
device, the corresponding analog channel contains an analog circuit that clamps the input to a reference
voltage and applies the gain.
Composite input signal is sampled at 2x the ITU-R BT.601 clock frequency, line-locked alignment, and is
then decimated to the 1x pixel rate. CVBS decoding uses five-line adaptive comb filtering for both the
luma and chroma data paths to reduce both cross-luma and cross-chroma artifacts. A chroma trap filter is
also available. On CVBS inputs, the user can control video characteristics such as contrast, brightness,
saturation, and hue via an I2C host port interface. Furthermore, luma peaking (sharpness) with
programmable gain is included.
All four channels are independently controllable. These decoders share a single clock input for all
channels and for all supported standards.
TVP5158 provides a glueless audio and video interface to TI DaVinci™ video processors. Video output
ports support 8-bit ITU-R BT.656 and 16-bit 4:2:2 YCbCr with embedded synchronization. TVP5158
supports multiplexed pixel-interleaved and line-interleaved mode video outputs with metadata insertion.
TVP5158 and TVP5157 integrate 4-Ch audio ADCs to reduce the BOM cost for surveillance market.
Multiple TVP5158 devices can be cascade connected to support up to 8-Ch Video or 16-Ch audio
processing.
Noise reduction and auto contrast functions improve the video quality under low light condition which is
very critical for surveillance products.
The TVP5158, TVP5157, and TVP5156 can be programmed by using a single I2C serial interface. I2C
commands can be sent to one or more decoder cores simultaneously, reducing the amount of I2C activity
necessary to configure each core. This is especially useful for fast downloading modified firmware to the
decoder cores.
TVP5158, TVP5157, and TVP5156 use 1.1-V, 1.8-V, and 3.3-V power supplies for the analog/digital core
and I/O. These devices are available in a 128-pin TQFP package.




Similar Part No. - SLES243G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLES213 TI2-SLES213 Datasheet
825Kb / 80P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
May 2008
More results


Similar Description - SLES243G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
NTSC/PAL VIDEO DECODER
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
NTSC/PAL Video Decoder
April 1998
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
NTSC/PAL Video Decoder
January 1999
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
NTSC/PAL Video Encoder
May 1999
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
NTSC/PAL Video Encoder
May 1999
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
NTSC/PAL Video Encoder
September 2003
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
NTSC/PAL Video Decoder
April 19, 2007
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
NTSC/PAL Video Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com