Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0102 Datasheet (PDF) - Texas Instruments

TXS0102 Datasheet PDF - Texas Instruments
Part # TXS0102
Download  TXS0102 Download
File Size   1739.51 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications

TXS0102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS0102 Datasheet PDF - Texas Instruments

Part # TXS0102
Download  TXS0102 Click to download

File Size   1739.51 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications

TXS0102 Datasheet (HTML) - Texas Instruments


TXS0102 Product details

1 Features
• No direction-control signal needed
• Maximum data rates:
– 24Mbps (push pull)
– 2Mbps (open drain)
• Available in the Texas Instruments NanoStar™
integrated circuit package
• 1.65V to 3.6V on A port and 2.3V to 5.5V on B port
(VCCA ≤ VCCB)
• VCC isolation feature: if either VCC input is at GND,
both ports are in the High-Impedance state
• No power-supply sequencing required: either VCCA
or VCCB can be ramped first
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 100mA per JESD
78, Class II
• ESD protection exceeds JESD 22:
– A port:
• 2500V Human-Body Model (A114-B)
• 250V Machine Model (A115-A)
• 1500V Charged-Device Model (C101)
– B port:
• 8kV Human-Body Model (A114-B)
• 250V Machine Model (A115-A)
• 1500V Charged-Device Model (C101)

2 Applications
• I2C / SMBus
• UART
• GPIO

3 Description
This two-bit non-inverting translator is a bidirectional
voltage-level translator and can be used to establish
digital switching compatibility between mixed-voltage
systems. It uses two separate configurable powersupply
rails, with the A ports supporting operating
voltages from 1.65V to 3.6V while it tracks the VCCA
supply, and the B ports supporting operating voltages
from 2.3V to 5.5V while it tracks the VCCB supply.
This allows the support of both lower and higher logic
signal levels while providing bidirectional translation
capabilities between any of the 1.8V, 2.5V, 3.3V, and
5V voltage nodes.
When the output-enable (OE) input is low, all I/Os
are placed in the high-impedance state, which
significantly reduces the power-supply quiescent
current consumption.
To put the device in the high-impedance state during
power up or power down, tie OE to GND through
a pulldown resistor; the current-sourcing capability
of the driver determines the minimum value of the
resistor.




Similar Part No. - TXS0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102 Datasheet
261Kb / 13P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0102 TI-TXS0102 Datasheet
497Kb / 18P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102 Datasheet
448Kb / 19P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102 Datasheet
718Kb / 23P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results


Similar Description - TXS0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102_09 Datasheet
509Kb / 18P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_10 Datasheet
497Kb / 18P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
Bidirectional voltage level translator for open-drain and push-pull applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0102 TI-TXS0102_V01 Datasheet
1Mb / 40P
TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
JANUARY 2007
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com