Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS02612RTWR.B Datasheet (PDF) - Texas Instruments

TXS02612RTWR.B Datasheet PDF - Texas Instruments
Part # TXS02612RTWR.B
Download  TXS02612RTWR.B Download
File Size   1130.69 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION

TXS02612RTWR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS02612RTWR.B Datasheet PDF - Texas Instruments

Part # TXS02612RTWR.B
Download  TXS02612RTWR.B Click to download

File Size   1130.69 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION

TXS02612RTWR.B Datasheet (HTML) - Texas Instruments


TXS02612RTWR.B Product details

1FEATURES
• 6-to-12 Demultiplexer/Multiplexer Allows SDIO
Port Expansion
• Built-in Level Translator Eliminates Voltage
Mismatch Between Baseband and SD Card or
SDIO Peripheral
• VCCA, VCCB0, and VCCB1 Each Operate Over Full
1.1-V to 3.6-V Range
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance A Port
– 2000-V Human-Body Model (A114-B)
– 100-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)
• ±8-kV Contact Discharge IEC 61000-4-2 ESD
Performance (B Port)

DESCRIPTION/ORDERING INFORMATION
The TXS02612 is designed to interface the cell phone baseband with external SDIO peripherals. The device
includes a 6-channel SPDT switch with voltage-level translation capability. This allows a single SDIO port to be
interfaced with two SDIO peripherals. The TXS02612 has three separate supply rails that operate over the full
range of 1.1 V to 3.6 V. This allows the baseband and SDIO peripherals to operate at different supply voltages if
required.
The select (SEL) input is used to choose between the B0 port and B1 port. When SEL = Low, B0 port is
selected; when SEL = High, B1 port is selected. SEL is referenced to VCCA. For the unselected B port, the clock
output is held low, whereas the data and command I/Os are pulled high to their respective VCCB through a 70-kΩ
resistor (±30% tolerance).




Similar Part No. - TXS02612RTWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS02612RTWR TI-TXS02612RTWR Datasheet
627Kb / 22P
SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION
TXS02612RTWR TI-TXS02612RTWR Datasheet
608Kb / 24P
SDIO PORT EXANDER WITH VOLTAGE-LEVEL TRANSLATION
More results


Similar Description - TXS02612RTWR.B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
OUTPUT PORT EXPANDER
logo
Texas Instruments
TXS03121 TI-TXS03121 Datasheet
345Kb / 11P
COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
TXS02612 TI-TXS02612 Datasheet
627Kb / 22P
SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
logo
Texas Instruments
TWL1200 TI-TWL1200 Datasheet
700Kb / 31P
SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
logo
Fairchild Semiconductor
FXL3SD206 FAIRCHILD-FXL3SD206 Datasheet
342Kb / 16P
Level Shifting Voltage Translator Two-Port SDIO MUX/DEMUX with Three Configurable Power Supplies for SDIO Device Port Expansion
logo
Texas Instruments
TXS02612 TI-TXS02612_10 Datasheet
608Kb / 24P
SDIO PORT EXANDER WITH VOLTAGE-LEVEL TRANSLATION
TXS03121 TI-TXS03121_1 Datasheet
451Kb / 12P
COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
TWL1200-Q1 TI1-TWL1200-Q1 Datasheet
736Kb / 32P
SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
logo
Axiomtek Co., Ltd.
PICO820 AXIOMTEK-PICO820 Datasheet
277Kb / 1P
1 SDIO port
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com