Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV75533PDBVR.A Datasheet (PDF) - Texas Instruments

TLV75533PDBVR.A Datasheet PDF - Texas Instruments
Part # TLV75533PDBVR.A
Download  TLV75533PDBVR.A Download
File Size   2969.46 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator

TLV75533PDBVR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV75533PDBVR.A Datasheet PDF - Texas Instruments

Part # TLV75533PDBVR.A
Download  TLV75533PDBVR.A Click to download

File Size   2969.46 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator

TLV75533PDBVR.A Datasheet (HTML) - Texas Instruments


TLV75533PDBVR.A Product details

1 Features
• SOT-23-5 package with 60.3°C/W RθJA available
• Input voltage range: 1.45V to 5.5V
• Low IQ: 25μA (typical)
• Low dropout:
– 238mV (maximum) at 500mA (3.3VOUT)
• Output accuracy: 1% (maximum at 85°C)
• Built-in soft-start with monotonic VOUT rise
• Foldback current limit
• Active output discharge
• High PSRR: 46dB at 100kHz
• Stable with a 1μF ceramic output capacitor
• Packages:
– 2.9mm × 2.8mm SOT-23-5 (DBV)
– 2.9mm × 2.8mm SOT-23-5 (DYD) with thermal
pad
– 1mm × 1mm X2SON-4 (DQN)
– 2mm × 2mm WSON-6 (DRV)

2 Applications
• Set-top boxes, TV, and gaming consoles
• Portable and battery-powered equipment
• Desktops, notebooks, and ultrabooks
• Tablets and remote controls
• White goods and appliances
• Grid infrastructure and protection relays
• Camera modules and image sensors

3 Description
The TLV755P is an ultra-small, low quiescent current,
low-dropout regulator (LDO) that sources 500mA
with good line and load transient performance.
The TLV755P is optimized for a wide variety of
applications by supporting an input voltage range
from 1.45V to 5.5V. To minimize cost and solution
size, the device is offered in fixed output voltages
ranging from 0.6V to 5V to support the lower
core voltages of modern microcontrollers (MCUs).
Additionally, the TLV755P has a low IQ with enable
functionality to minimize standby power. This device
features an internal soft-start to lower inrush current,
thus providing a controlled voltage to the load and
minimizing the input voltage drop during start up.
When shutdown, the device actively pulls down the
output to quickly discharge the outputs and provide a
known start-up state.
The TLV755P is stable with small ceramic output
capacitors allowing for a small overall solution size.
A precision band-gap and error amplifier provides
a typical accuracy of 1%. All device versions
have integrated thermal shutdown, current limit, and
undervoltage lockout (UVLO). The TLV755P has an
internal foldback current limit that helps reduce the
thermal dissipation during short-circuit events.
The TLV755 is available in the popular WSON,
X2SON, and SOT23-5 (DRV, DQN, and DBV)
packages. This device is also available in a
thermally enhanced SOT23-5 (DYD) package with
a thermal pad that provides significantly reduced
thermal resistance compared to a standard SOT23-5
package.




Similar Part No. - TLV75533PDBVR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV75533PDBVR.A TI2-TLV75533PDBVR.A Datasheet
2Mb / 51P
TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
REVISED SEPTEMBER 2024
More results


Similar Description - TLV75533PDBVR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV757P TI1-TLV757P Datasheet
620Kb / 22P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV757P TI1-TLV757P_18 Datasheet
2Mb / 34P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV757P_018 TI1-TLV757P_018 Datasheet
2Mb / 38P
1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI-TLV755P_V01 Datasheet
2Mb / 44P
TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
TLV755P TI1-TLV755P_V02 Datasheet
2Mb / 45P
TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com