Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL1000-BD Datasheet (PDF) - Mimix Broadband

XL1000-BD Datasheet PDF - Mimix Broadband
Part # XL1000-BD
Download  XL1000-BD Download
File Size   268.16 Kbytes
Page   7 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 20.0-40.0 GHz GaAs MMIC Low Noise Amplifier

XL1000-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XL1000-BD Datasheet PDF - Mimix Broadband

Part # XL1000-BD
Download  XL1000-BD Click to download

File Size   268.16 Kbytes
Page   7 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 20.0-40.0 GHz GaAs MMIC Low Noise Amplifier

XL1000-BD Datasheet (HTML) - Mimix Broadband


XL1000-BD Product details

General Description

Mimix Broadband’s three stage 20.0-40.0 GHz GaAs MMIC low noise amplifier has a small signal gain of 20.0 dB with a noise figure of 2.0 dB across the band. This MMIC uses Mimix Broadband’s GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.



Features

 Self Bias Architecture

 Small Size

 3.0 or 5.0 V Operation

 20.0 dB Small Signal Gain

 2.0 dB Noise Figure

 +9.0 dBm P1dB Compression Point

 100% On-Wafer RF, DC and Noise Figure Testing

 100% Visual Inspection to MIL-STD-883 Method 2010



 




Similar Part No. - XL1000-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1000-BD MIMIX-XL1000-BD Datasheet
1Mb / 7P
20.0-40.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XL1000-BD MA-COM-XL1000-BD Datasheet
883Kb / 9P
Low Noise Amplifier
XL1000-BD-000V MA-COM-XL1000-BD-000V Datasheet
898Kb / 10P
Low Noise Amplifier
XL1000-BD-EV1 MA-COM-XL1000-BD-EV1 Datasheet
898Kb / 10P
Low Noise Amplifier
logo
Mimix Broadband
XL1000-BD MIMIX-XL1000-BD_10 Datasheet
1Mb / 7P
20.0-40.0 GHz GaAs MMIC
More results


Similar Description - XL1000-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1000 MIMIX-XL1000 Datasheet
953Kb / 7P
20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1002 MIMIX-XL1002 Datasheet
852Kb / 8P
20.0-36.0 GHz GaAs MMIC Low Noise Amplifier
XL1003 MIMIX-XL1003 Datasheet
174Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1005 MIMIX-XL1005 Datasheet
153Kb / 6P
5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
logo
Mimix Broadband
XL1002-BD MIMIX-XL1002-BD Datasheet
583Kb / 8P
20.0-36.0 GHz GaAs MMIC Low Noise Amplifier
XL1003-BD MIMIX-XL1003-BD Datasheet
175Kb / 6P
24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1005-BD MIMIX-XL1005-BD Datasheet
153Kb / 6P
5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
XL1010-BD MIMIX-XL1010-BD Datasheet
1Mb / 1P
20.0-38.0 GHz GaAs MMIC Low Noise Amplifier
XL1000-BD MIMIX-XL1000-BD_10 Datasheet
1Mb / 7P
20.0-40.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com