Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306M25 Datasheet (PDF) - Texas Instruments

AMC1306M25 Datasheet PDF - Texas Instruments
Part # AMC1306M25
Download  AMC1306M25 Download
File Size   1284.45 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI

AMC1306M25 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1306M25 Datasheet PDF - Texas Instruments

Part # AMC1306M25
Download  AMC1306M25 Click to download

File Size   1284.45 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI

AMC1306M25 Datasheet (HTML) - Texas Instruments


AMC1306M25 Product details

1 Features
1• Pin-compatible family optimized for shunt-resistorbased
current measurements:
– ±50-mV or ±250-mV input voltage ranges
– Manchester coded or uncoded bitstream
options
• Excellent DC performance:
– Offset error: ±50 μV or ±100 μV (max)
– Offset drift: 1 μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±40 ppm/°C (max)
• Transient immunity: 100 kV/μs (typ)
• System-level diagnostic features
• Safety-related certifications:
– 7000-VPEAK reinforced isolation per DIN VDE V
0884-11: 2017-01
– 5000-VRMS isolation for 1 minute per UL1577
– CAN/CSA no. 5A-component acceptance
service notice and IEC 62368-1 end equipment
standard
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Shunt-resistor-based current sensing and isolated
voltage measurements in:
– Industrial motor drives
– Photovoltaic inverters
– Uninterruptible power supplies

3 Description
The AMC1306 is a precision, delta-sigma (ΔΣ)
modulator with the output separated from the input
circuitry by a capacitive double isolation barrier that is
highly resistant to magnetic interference. This barrier
is certified to provide reinforced isolation of up to
7000 VPEAK according to the DIN VDE V 0884-11 and
UL1577 standards. Used in conjunction with isolated
power supplies, this isolated modulator separates
parts of the system that operate on different commonmode
voltage levels and protects lower-voltage parts
from damage.
The input of the AMC1306 is optimized for direct
connection to shunt resistors or other low voltagelevel
signal sources. The unique low input voltage
range of the ±50-mV device allows significant
reduction of the power dissipation through the shunt
and supports excellent ac and dc performance. The
output bitstream of the AMC1306 is Manchester
coded (AMC1306Ex) or uncoded (AMC1306Mx),
depending on the derivate. By using an integrated
digital filter (such as those in the TMS320F2807x or
TMS320F2837x microcontroller families) to decimate
the bitstream, the device can achieve 16 bits of
resolution with a dynamic range of 85 dB at a data
rate of 78 kSPS.
The bitstream output of the Manchester coded
AMC1306Ex versions support single-wire data and
clock transfer without having to consider the setup
and hold time requirements of the receiving device.




Similar Part No. - AMC1306M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306M25 TI1-AMC1306M25 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306M25 TI1-AMC1306M25 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306M25 TI1-AMC1306M25 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306M25 TI-AMC1306M25 Datasheet
2Mb / 36P
AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC1306M25 TI2-AMC1306M25 Datasheet
1Mb / 45P
AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
REVISED JANAURY 2020
More results


Similar Description - AMC1306M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com