Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC60804YBHT.A Datasheet (PDF) - Texas Instruments

AMC60804YBHT.A Datasheet PDF - Texas Instruments
Part # AMC60804YBHT.A
Download  AMC60804YBHT.A Download
File Size   445.3 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC60804 4-Channel, EML Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC

AMC60804YBHT.A Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC60804YBHT.A Datasheet PDF - Texas Instruments

Part # AMC60804YBHT.A
Download  AMC60804YBHT.A Click to download

File Size   445.3 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC60804 4-Channel, EML Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC

AMC60804YBHT.A Datasheet (HTML) - Texas Instruments


AMC60804YBHT.A Product details

1 Features
• Four 12-bit current output DACs (IDACs)
– 150-mA full-scale output range
• Four 12-bit voltage output DACs (VDACs)
– Selectable full-scale output ranges:
–5 V, –2.5 V, +2.5 V and +5 V
– High-current drive capability: ±50 mA
• Twelve channel, 12-bit, 1-MSPS SAR ADC
– Four external inputs: 2.5-V and 5-V input
ranges
– Four IDAC voltage monitor channels
– Four VDAC current monitor channels
– Programmable sequencer
– Programmable out-of-range alarms
• Internal 2.5-V reference
• Suppy and temperature fault alarms
• SPI and I2C interfaces: 1.7-V to 3.6-V operation
– SPI: 4-wire interface
– I2C: Four slave addresses
• Specified temperature range: –40°C to +125°C

2 Applications
• Optical module
• Intra-dc interconnect (metro)

3 Description
The AMC60804 is a highly integrated, low-power
analog monitor and controller optimized for electroabsorption
modulated lasers (EML).
The AMC60804 includes four 12-bit current output
digital-to-analog converters (IDACs) and four 12-bit
voltage output DACs (VDACs) with programmable
output ranges. The AMC60804 also includes a 12-bit,
1-MSPS analog-to-digital converter (ADC) used for
external signal and internal signal monitoring, supply
and temperature alarm monitors, and a high-precision
internal reference.
The AMC60804 VDACs support both positive and
negative output range operation and are capable or
sourcing and sinking up to 50 mA, making them an
excellent choice for biasing the electro-absorption
modulator (EAM) in an EML. Additionally, the
AMC60804 IDACs support a full-scale output range of
150 mA with very low power dissipation, thus
eliminating the need for external components to bias
the EML laser diode. In combination the AMC60804
four VDACs and four IDACs enable accurate biasing
of up to four EML lasers.
The AMC60804 includes four input pins that are
multiplexed to the ADC and incorporate a low-latency
window comparator, making this device an excellent
choice for received signal strength indicator (RSSI)
and loss-of-signal (LOS) detection. The ADC is also
capable of measuring the voltage at the IDAC pins, as
well as the current being sourced or sinked by the
VDACs, thus enabling monitoring of these outputs.
The AMC60804 low power, high integration, very
small size, and wide operating temperature range
make the device an excellent choice as an all-in-one,
low-cost control circuit for the EML lasers found in
optical modules. Contact TI sales for the full data
sheet.




Similar Part No. - AMC60804YBHT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC60804YBHT.A TI2-AMC60804YBHT.A Datasheet
439Kb / 6P
AMC60804 4-Channel, EML Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
FEBRUARY 2021
More results


Similar Description - AMC60804YBHT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC60804 TI-AMC60804 Datasheet
952Kb / 7P
AMC60804 4-Channel, EML Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC60304 TI-AMC60304 Datasheet
437Kb / 3P
AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
DECEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC60304 TI-AMC60304_V01 Datasheet
1Mb / 10P
AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
DECEMBER 2021
AMC60704 TI-AMC60704 Datasheet
491Kb / 6P
AMC60704 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
DECEMBER 2022
AFE11612-SEP TI-AFE11612-SEP Datasheet
1Mb / 11P
AFE11612-SEP Radiation-Tolerant, Analog Monitor and Controller With Multichannel ADC, DACs, and Temperature Sensors
DECEMBER 2022
AMC60804T TI-AMC60804T Datasheet
520Kb / 6P
AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com