Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH730131 Datasheet (PDF) - Texas Instruments

LMH730131 Datasheet PDF - Texas Instruments
Part # LMH730131
Download  LMH730131 Download
File Size   920.71 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6644-MIL Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier

LMH730131 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH730131 Datasheet PDF - Texas Instruments

Part # LMH730131
Download  LMH730131 Click to download

File Size   920.71 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6644-MIL Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier

LMH730131 Datasheet (HTML) - Texas Instruments


LMH730131 Product details

1 Features
1(VS = ±5 V, TA = 25°C, RL = 2 kΩ, AV = +1.
Typical Values Unless Specified).
• –3 dB BW (AV = +1) 130 MHz
• Supply Voltage Range 2.7 V to 12.8 V
• Slew Rate, (AV = –1) 130 V/μs(1)
• Supply Current (no load) 2.7 mA/amp
• Output Short Circuit Current +115 mA to 145 mA
• Linear Output Current ±75 mA
• Input Common Mode Voltage 0.5 V Beyond V–, 1
V from V+
• Output Voltage Swing 40 mV from Rails
• Input Voltage Noise (100 kHz) 17 nV/√Hz
• Input Current Noise (100 kHz) 0.9 pA/√Hz
• THD (5 MHz, RL = 2 kΩ, VO = 2 VPP, AV = +2) –62
dBc
• Settling Time 68 ns
• Fully Characterized for 3 V, 5 V, and ±5 V
• Overdrive Recovery 100 ns
• Output Short Circuit Protected(2)
• No Output Phase Reversal with CMVR Exceeded
(1) Slew rate is the average of the rising and falling slew rates.
(2) Output short circuit duration is infinite for VS < 6 V at room
temperature and below. For VS > 6 V, allowable short circuit
duration is 1.5 ms.

2 Applications
• Active Filters
• CD/DVD ROM
• ADC Buffer Amp
• Portable Video
• Current Sense Buffer

3 Description
The LMH6644-MIL true single supply voltage
feedback amplifier offers high speed (130 MHz), low
distortion (–62 dBc), and exceptionally high-output
current (approximately 75 mA) at low cost and with
reduced power consumption when compared against
existing devices with similar performance.
Input common mode voltage range extends to 0.5 V
below V– and 1 V from V+. Output voltage range
extends to within 40 mV of either supply rail, allowing
wide dynamic range especially desirable in lowvoltage
applications. The output stage is capable of
approximately 75 mA in order to drive heavy loads.
Fast output slew rate (130 V/μs) ensures large peakto-
peak output swings can be maintained even at
higher speeds, resulting in exceptional full power
bandwidth of 40 MHz with a 3-V supply. These
characteristics, along with low cost, are ideal features
for a multitude of industrial and commercial
applications.




Similar Part No. - LMH730131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH730123 TI2-LMH730123 Datasheet
1Mb / 36P
LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
REVISED AUGUST 2014
logo
National Semiconductor ...
LMH730154 NSC-LMH730154 Datasheet
558Kb / 5P
High Speed Differential Amplifier Evaluation Board
More results


Similar Description - LMH730131

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 33P
LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642 TI1-LMH6642_16 Datasheet
1Mb / 39P
LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6644-MIL TI1-LMH6644-MIL Datasheet
855Kb / 28P
Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com