Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1710026 Datasheet (PDF) - PHOENIX CONTACT

1710026 Datasheet PDF - PHOENIX CONTACT
Part # 1710026
Download  1710026 Download
File Size   217.97 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMVSTBW 2,5/10-ST-7,62 BK AU - PCB connector

1710026 Datasheet (PDF)

Go To PDF Page Download Datasheet
1710026 Datasheet PDF - PHOENIX CONTACT

Part # 1710026
Download  1710026 Click to download

File Size   217.97 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMVSTBW 2,5/10-ST-7,62 BK AU - PCB connector

1710026 Datasheet (HTML) - PHOENIX CONTACT


1710026 Product details

PCB connector, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Au, contact connection type: Socket, number of rows: 1,
number of positions: 10, product range: GMVSTBW 2,5/..-ST, pitch: 7.62 mm, connection
method: Screw connection with tension sleeve, screw head form: L Slotted, conductor/PCB
connection direction: -90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1710026

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1710056 PHOENIX-1710056 Datasheet
75Kb / 5P
PCB terminal block - MKDSV 5/ 2-6,35
1710069 PHOENIX-1710069 Datasheet
72Kb / 4P
PCB terminal block - MKDSV 5/ 3-9.5 - 1710069
1710072 PHOENIX-1710072 Datasheet
71Kb / 4P
PCB terminal block - MKDSV 5/2-9.5
1710078 PHOENIX-1710078 Datasheet
91Kb / 6P
Printed-circuit board connector - MC 1,5/12-STF-3,5 AU
1710085 PHOENIX-1710085 Datasheet
81Kb / 5P
PCB terminal block - MKDSV 5/ 3-6,35
More results


Similar Description - 1710026

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1832426 PHOENIX-1832426 Datasheet
93Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 3-ST-7,62
1832439 PHOENIX-1832439 Datasheet
94Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 4-ST-7,62
1832455 PHOENIX-1832455 Datasheet
95Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 6-ST-7,62
1832471 PHOENIX-1832471 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 8-ST-7,62
1832484 PHOENIX-1832484 Datasheet
95Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 9-ST-7,62
1832507 PHOENIX-1832507 Datasheet
78Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/11-ST-7,62
1832497 PHOENIX-1832497 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/10-ST-7,62
1832468 PHOENIX-1832468 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 7-ST-7,62
1836749 PHOENIX-1836749 Datasheet
56Kb / 4P
Printed-circuit board connector - GMVSTBW 2,5/ 5-ST BK AU
1737835 PHOENIX-1737835 Datasheet
361Kb / 15P
GMVSTBW 2,5/ 4-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com