Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA657 Datasheet (PDF) - Texas Instruments

OPA657 Datasheet PDF - Texas Instruments
Part # OPA657
Download  OPA657 Download
File Size   1988.24 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier

OPA657 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA657 Datasheet PDF - Texas Instruments

Part # OPA657
Download  OPA657 Click to download

File Size   1988.24 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier

OPA657 Datasheet (HTML) - Texas Instruments


OPA657 Product details

1 Features
1• High speed:
– Gain-bandwidth product: 2.7 GHz
– Bandwidth (G = 7 V/V): 765 MHz
– Large-signal bandwidth (2 VPP): 400 MHz
– Slew rate: 1400 V/μs
• Decompensated gain: 7-V/V stable
• Low noise:
– Input voltage noise: 2.2 nV/√Hz
– Input current noise: 3 fA/√Hz (f = 10 kHz)
• Input bias current: 4 pA (typical)
• Low input capacitance:
– Common-mode: 1.9 pF
– Differential mode: 0.5 pF
• Low distortion (G = 7 V/V, RL = 1 kΩ, VO = 2 VPP):
– HD2, HD3 at 1 MHz: –104 dBc, –108 dBc
– HD2, HD3 at 50 MHz: –57 dBc, –72 dBc
• Wide supply range: 6 V to 13 V
• Output swing: 8 VPP (VS = 10 V)
• Supply current: 27.7 mA
• Shutdown supply current: 27 μA
• Performance upgrade to OPA657

2 Applications
• Wideband transimpedance amplifiers (TIAs)
• Wafer scanning equipment
• Optical communication modules
• High-speed data acquisition (DAQ)
• Active probes
• Optical time-domain reflectometry (OTDR)
• Test and measurement front-ends
• Medical and chemical analyzers

3 Description
The OPA818 is a decompensated, voltage-feedback
operational amplifier for high-speed and wide
dynamic range applications. OPA818 has a low-noise
junction gate field-effect transistor (JFET) input stage
that combines high gain-bandwidth with a wide supply
range from 6 V to 13 V. The fast slew rate of
1400 V/μs provides high large-signal bandwidth and
low distortion. This amplifier is manufactured using
Texas Instruments' proprietary, high-speed, silicongermanium
(SiGe) process to achieve significant
performance improvements over other high-speed,
FET-input amplifiers.
The OPA818 is an extremely versatile, wideband TIA
photodiode amplifier for use in optical test and
communication equipment, and many medical,
scientific, and industrial instruments. The OPA818
showcases 2.7 GHz gain-bandwidth, low 2.4 pF total
input capacitance, and 2.2 nV/√Hz input noise. The
OPA818 can achieve over 85-MHz signal bandwidth
in TIA configuration with 20-kΩ TIA gain (RF) and
0.5-pF photodiode capacitance (CD) with wide output
swings. The decompensated, low-noise architecture
with pico amperes of input bias current is also wellsuited
for high-gain test and measurement
applications. Though normally stable in gains ≥ 7 V/V,
the OPA818 can be used in applications with lower
gains by applying noise-gain shaping techniques (see
Non-Inverting Gain of 2 V/V).
The OPA818 is available in an 8-lead WSON
package with an exposed thermal pad for heat
dissipation. This device is specified to operate over
the industrial temperature range of –40°C to +85°C.




Similar Part No. - OPA657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA657 BURR-BROWN-OPA657 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 35P
HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
More results


Similar Description - OPA657

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Burr-Brown (TI)
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA445BM TI-OPA445BM Datasheet
897Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445SM TI-OPA445SM Datasheet
885Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
OPA445 TI1-OPA445_16 Datasheet
905Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA657-DIE TI1-OPA657-DIE Datasheet
94Kb / 5P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com