Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DSI83 Datasheet (PDF) - Texas Instruments

SN65DSI83 Datasheet PDF - Texas Instruments
Part # SN65DSI83
Download  SN65DSI83 Download
File Size   2142.19 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65DSI83-Q1 Automotive Single-Channel MIPI® DSI to Single-Link LVDS Bridge

SN65DSI83 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65DSI83 Datasheet PDF - Texas Instruments

Part # SN65DSI83
Download  SN65DSI83 Click to download

File Size   2142.19 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65DSI83-Q1 Automotive Single-Channel MIPI® DSI to Single-Link LVDS Bridge

SN65DSI83 Datasheet (HTML) - Texas Instruments


SN65DSI83 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 2: –40°C to
+105°C Ambient Operating Temperature
– Device HBM ESD Classification Level 3A
– Device CDM ESD Classification Level C6
• Implements MIPI® D-PHY Version 1.00.00
Physical Layer Front-End and Display Serial
Interface (DSI) Version 1.02.00
• Single-Channel DSI Receiver Configurable for
One, Two, Three, or Four D-PHY Data Lanes Per
Channel Operating up to 1 Gbps Per Lane
• Supports 18-bpp and 24-bpp DSI Video Packets
with RGB666 and RGB888 Formats
• Maximum Resolution up to 60 fps WUXGA 1920 ×
1200 at 18 bpp and 24 bpp Color With Reduced
Blanking. Suitable for 60 fps 1366 × 768 / 1280 ×
800 at 18 bpp and 24 bpp
• Output for Single-Link LVDS
• Supports Single Channel DSI to Single-Link LVDS
Operating Mode
• LVDS Output Clock Range of 25 MHz to 154 MHz
• LVDS Pixel Clock May be Sourced from Free-
Running Continuous D-PHY Clock or External
Reference Clock (REFCLK)
• 1.8-V Main VCC Power Supply
• Low Power Features Include SHUTDOWN Mode,
Reduced LVDS Output Voltage Swing, Common
Mode, and MIPI Ultra-Low Power State (ULPS)
Support
• LVDS Channel SWAP, LVDS PIN Order Reverse
Feature for Ease of PCB Routing
• Packaged in 64-pin 10-mm × 10-mm HTQFP
(PAP) PowerPAD™ IC Package

2 Applications
• Infotainment Head Unit With Integrated Display
• Infotainment Head Unit With Remote Display
• Infotainment Rear-Seat Entertainment
• Hybrid Automotive Cluster
• Portable Navigation Device
• Navigation
• Industrial Human Machine Interface (HMI) and
Displays

3 Description
The SN65DSI83-Q1 DSI-to-LVDS bridge features a
single-channel MIPI D-PHY receiver front-end
configuration with four lanes per channel operating at
1 Gbps per lane and a maximum input bandwidth of 4
Gbps. The bridge decodes MIPI DSI 18-bpp RGB666
and 24-bpp RGB888 packets and converts the
formatted video data-stream to an LVDS output
operating at pixel clocks operating from 25 MHz to
154 MHz, offering a Single-Link LVDS with four data
lanes per link.
The SN65DSI83-Q1 device can support up to
WUXGA 1920 × 1200 at 60 frames per second, at 24
bpp with reduced blanking. The SN65DSI83-Q1
device is also suitable for applications using 60 fps
1366 × 768/1280 × 800 at 18 bpp and 24 bpp. Partial
line buffering is implemented to accommodate the
data stream mismatch between the DSI and LVDS
interfaces.
The SN65DSI83-Q1 device is implemented in a small
outline 10-mm × 10-mm HTQFP package with a
0.5-mm pitch, and operates across a temperature
range from –40°C to +105°C.




Similar Part No. - SN65DSI83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI83 TI-SN65DSI83 Datasheet
1Mb / 34P
MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Single-Link LVDS Bridge
SN65DSI83 TI1-SN65DSI83 Datasheet
770Kb / 51P
Automotive Single-Channel MIPI짰 DSI to Single-Link LVDS Bridge
SN65DSI83 TI-SN65DSI83 Datasheet
2Mb / 49P
SN65DSI83 MIPI짰 DSI Bridge to FlatLink??LVDS Single-Channel DSI to Single-Link LVDS Bridge
SN65DSI83-Q1 TI1-SN65DSI83-Q1 Datasheet
770Kb / 51P
Automotive Single-Channel MIPI짰 DSI to Single-Link LVDS Bridge
SN65DSI83-Q1 TI-SN65DSI83-Q1 Datasheet
2Mb / 49P
SN65DSI83 MIPI짰 DSI Bridge to FlatLink??LVDS Single-Channel DSI to Single-Link LVDS Bridge
More results


Similar Description - SN65DSI83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI83 TI-SN65DSI83 Datasheet
1Mb / 34P
MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Single-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84 Datasheet
1Mb / 37P
MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85 Datasheet
1Mb / 45P
MIPI DSI BRIDGE TO FLATLINK LVDS Dual Channel DSI to Dual-Link LVDS Bridge
SN65DSI86-Q1 TI1-SN65DSI86-Q1 Datasheet
1Mb / 81P
MIPI DSI to eDP Bridge
SN65DSI85-Q1 TI1-SN65DSI85-Q1 Datasheet
194Kb / 7P
MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
SN65DSI83-Q1 TI1-SN65DSI83-Q1 Datasheet
770Kb / 51P
Automotive Single-Channel MIPI짰 DSI to Single-Link LVDS Bridge
SN65DSI84-Q1 TI1-SN65DSI84-Q1 Datasheet
779Kb / 52P
Automotive Single-Channel MIPI DSI to Dual-Link LVDS Bridge
SN65DSI83 TI-SN65DSI83_V01 Datasheet
2Mb / 49P
SN65DSI83 MIPI짰 DSI Bridge to FlatLink??LVDS Single-Channel DSI to Single-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84_V01 Datasheet
2Mb / 50P
SN65DSI84 MIPI짰 DSI Bridge To FLATLINK??LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85_V01 Datasheet
2Mb / 58P
SN65DSI85 MIPI짰 DSI Bridge to FlatLink??LVDS Dual Channel DSI to Dual-Link LVDS Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com