Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2376IDR.B Datasheet (PDF) - Texas Instruments

TLV2376IDR.B Datasheet PDF - Texas Instruments
Part # TLV2376IDR.B
Download  TLV2376IDR.B Download
File Size   1243.74 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems

TLV2376IDR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2376IDR.B Datasheet PDF - Texas Instruments

Part # TLV2376IDR.B
Download  TLV2376IDR.B Click to download

File Size   1243.74 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems

TLV2376IDR.B Datasheet (HTML) - Texas Instruments


TLV2376IDR.B Product details

1 Features
1• Low Noise: 8 nV/√Hz at 1 kHz
• 0.1-Hz to 10-Hz Noise: 1.6 μVPP
• Quiescent Current: 815 μA (typical)
• Low Offset Voltage (typical):
– Single and Dual Versions: 40 μV
– Quad Version: 50 μV
• Gain Bandwidth Product: 5.5 MHz
• Rail-to-Rail Input and Output
• Single-Supply Operation
• Supply Voltage: 2.2 V to 5.5 V
• Industry-Standard Packages:
– SOT-23, SOIC, VSSOP, TSSOP

2 Applications
• Solar Inverters
• Medical Instrumentation
• ADC Buffers
• Handheld Test Equipment
• Active Filtering
• Sensor Conditioning

3 Description
The TLVx376 family represents a new generation of
low-noise operational amplifiers with e-trim™, offering
both excellent dc precision and ac performance. Railto-
rail input and output, low offset (125 μV,
maximum), low noise (8 nV/√Hz), a quiescent current
of 1.2 mA (maximum), and a 5.5-MHz bandwidth with
a fast slew rate of 2 V/μs make this family of devices
very attractive for a variety of precision and portable
applications. In addition, these devices have a
reasonably wide supply range with excellent PSRR,
making the family ideal for applications that run
directly from batteries without regulation.
The TLV376 (single version) is available in SOT-23-5
and SOIC-8 packages. The TLV2376 (dual) is offered
in VSSOP-8 and SOIC-8 packages. The TLV4376
(quad) is offered in a TSSOP-14 package. All
versions are specified for operation from –40°C to
+125°C.




Similar Part No. - TLV2376IDR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2376IDR.B TI2-TLV2376IDR.B Datasheet
1Mb / 39P
TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
OCTOBER 2016
More results


Similar Description - TLV2376IDR.B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP113 AD-OP113 Datasheet
328Kb / 16P
Low Noise, Low Drift Single-Supply Operational Amplifiers
REV.C
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
logo
Analog Devices
OP113 AD-OP113_07 Datasheet
485Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Analog Devices
OP213 AD-OP213_15 Datasheet
486Kb / 24P
Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV376 TI1-TLV376 Datasheet
1Mb / 34P
TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com