Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54200 Datasheet (PDF) - Texas Instruments

TPS54200 Datasheet PDF - Texas Instruments
Part # TPS54200
Download  TPS54200 Download
File Size   2303.83 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54200, TPS54201 4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck Mono-Color or IR LED Driver

TPS54200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54200 Datasheet PDF - Texas Instruments

Part # TPS54200
Download  TPS54200 Click to download

File Size   2303.83 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54200, TPS54201 4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck Mono-Color or IR LED Driver

TPS54200 Datasheet (HTML) - Texas Instruments


TPS54200 Product details

1 Features
1• 4.5-V to 28-V Wide Input Range
• Integrated 150-mΩ and 70-mΩ MOSFETs for
1.5‑A, Continuous Output Current
• Low, 2-μA Shutdown Current
• Fixed 600-kHz Frequency
• Peak Current Mode With Internal Compensation
• 200-mV and 100-mV Sense Voltage During
Analog and PWM Dimming Modes
• Precision Analog Dimming (ADIM) by PWM Input
• LED-Open and -Short Protection
• Sense-Resistor-Open and -Short Protection
• Shutdown-and-Latch Mode Protection
(TPS54200)
• Auto-Retry Mode Protection (TPS54201)
• Thermal Shutdown
• 6-Pin SOT-23-THIN Package

2 Applications
• IR LED for Day or Night Vision
– IP Network Camera
– Analog Security Camera
– Video Doorbell
– Embedded Camera System
• LED Display and Lighting
– Refrigerators and Freezers
– Electronic Smart Lock
– General-Purpose LED Driver
– Architecture Lighting

3 Description
The TPS54200 and TPS54201 devices are 1.5-A
synchronous buck mono-color or IR drivers with 28-V
maximum input voltage. Current-mode operation
provides fast transient response and eases loop
stabilization.
The TPS54200 and TPS54201 can be used to drive
single-string or multi-string mono-color or Infrared (IR)
LED arrays as in the case of night vision cameras.
By integrating the MOSFETs and employing the SOT-
23-THIN package, the TPS54200 and TPS54201
devices provide high power density and only require
a small footprint on the PCB.
The TPS54200 and TPS54201 devices implement
analog dimming by changing the internal reference
voltage proportional to the duty cycle of the PWM
signal input in analog dimming mode. This devices
also support PWM dimming mode, in which the
internal reference voltage is halved to 100 mV for
higher efficiency.




Similar Part No. - TPS54200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54200 TI1-TPS54200 Datasheet
1Mb / 35P
4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200 TI1-TPS54200 Datasheet
2Mb / 38P
4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200DDCR TI1-TPS54200DDCR Datasheet
1Mb / 35P
4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200DDCR TI1-TPS54200DDCR Datasheet
2Mb / 38P
4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200DDCT TI1-TPS54200DDCT Datasheet
1Mb / 35P
4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
More results


Similar Description - TPS54200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54200 TI1-TPS54200 Datasheet
1Mb / 35P
4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200 TI1-TPS54200_17 Datasheet
2Mb / 38P
4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS92200 TI-TPS92200_V01 Datasheet
12Mb / 43P
TPS92200 4-V to 30-V Input Voltage, 1.5-A Output Current, Synchronous Buck LED Driver With Flexible Dimming Options
SEPTEMBER 2021
TPS56837 TI-TPS56837 Datasheet
2Mb / 33P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
MARCH 2023
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com