Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV314IDBVT.A Datasheet (PDF) - Texas Instruments

TLV314IDBVT.A Datasheet PDF - Texas Instruments
Part # TLV314IDBVT.A
Download  TLV314IDBVT.A Download
File Size   1499.77 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx314 3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier

TLV314IDBVT.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV314IDBVT.A Datasheet PDF - Texas Instruments

Part # TLV314IDBVT.A
Download  TLV314IDBVT.A Click to download

File Size   1499.77 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx314 3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier

TLV314IDBVT.A Datasheet (HTML) - Texas Instruments


TLV314IDBVT.A Product details

1 Features
1• Low Offset Voltage: 0.75 mV (typ)
• Low Input Bias Current: 1 pA (typ)
• Wide Supply Range: 1.8 V to 5.5 V
• Rail-to-Rail Input and Output
• Gain Bandwidth: 3 MHz
• Low IQ: 250 μA/Ch (max)
• Low Noise: 16 nV/√Hz at 1 kHz
• Internal RF/EMI Filter
• Extended Temperature Range:
–40°C to +125°C

2 Applications
• White Goods
• Handheld Test Equipment
• Portable Blood Glucose Systems
• Remote Sensing
• Active Filters
• Industrial Automation
• Battery-Powered Electronics

3 Description
The TLV314 family of single-, dual-, and quadchannel
operational amplifiers represents a new
generation of low-power, general-purpose operational
amplifiers. Rail-to-rail input and output swings
(RRIO), low quiescent current (150 μA typically at
5 V) combine with a wide bandwidth of 3 MHz to
make this family very attractive for a variety of
battery-powered applications that require a good
balance between cost and performance. Additionally,
the TLV314 family architecture achieves a low input
bias current of 1 pA, allowing for applications with MΩ
source impedances.
The robust design of the TLV314 devices provides
ease-of-use to the circuit designer: unity-gain stability,
RRIO, capacitive loads of up to 300 pF, an integrated
RF/EMI rejection filter, no phase reversal in overdrive
conditions, and high electrostatic discharge (ESD)
protection (4-kV HBM).
These devices are optimized for low-voltage
operation as low as 1.8 V (±0.9 V) and up to 5.5 V
(±2.75 V), and are specified over the extended
industrial temperature range of –40°C to +125°C.
The TLV314 (single) is available in both 5-pin SC70
and SOT-23 packages. The TLV2314 (dual) is offered
in 8-pin SOIC and VSSOP packages. The quadchannel
TLV4314 is offered in a 14-pin TSSOP
package.




Similar Part No. - TLV314IDBVT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV314IDBVT.A TI2-TLV314IDBVT.A Datasheet
1Mb / 41P
TLVx314 3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
REVISED MARCH 2016
More results


Similar Description - TLV314IDBVT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
TLV314 TI1-TLV314 Datasheet
1Mb / 35P
3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV314-Q1 TI1-TLV314-Q1 Datasheet
952Kb / 34P
3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
TLV314-Q1 TI1-TLV314-Q1_17 Datasheet
840Kb / 32P
3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV314-Q1 TI1-TLV314-Q1_18 Datasheet
1Mb / 37P
3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV9001-Q1 TI-TLV9001-Q1_V01 Datasheet
2Mb / 44P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com