Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6209F302PR Datasheet (PDF) - Torex Semiconductor

XC6209F302PR Datasheet PDF - Torex Semiconductor
Part # XC6209F302PR
Download  XC6209F302PR Download
File Size   1175.57 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description High Speed LDO Regulators Low ESR Cap.Compatible,Output ON/OFFControl

XC6209F302PR Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6209F302PR Datasheet PDF - Torex Semiconductor

Part # XC6209F302PR
Download  XC6209F302PR Click to download

File Size   1175.57 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description High Speed LDO Regulators Low ESR Cap.Compatible,Output ON/OFFControl

XC6209F302PR Datasheet (HTML) - Torex Semiconductor


XC6209F302PR Product details

■GENERAL DESCRIPTION
The XC6209 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves high ripple rejection and low dropout and consists of a voltage reference, an error amplifier, a current limiter and a phase compensation circuit plus a driver transistor.
Output voltage is selectable in 0.05V increments within a range of 0.9V ~ 6.0V.
The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin.
The CE function enables the output to be turned off, resulting in greatly reduced power consumption.

■APPLICATIONS
●Smart phones / Mobile phones
●Portable game consoles
●Digital still cameras / Camcorders
●Digital audio equipments
●Reference voltage sources
●Multi-function power supplies

■FEATURES
Maximum Output Current: 150mA (300mA=XC6209 E to H types)
Dropout Voltage: 60mV @ 30mA
: 200mV @ 100mA
Maximum Operating Voltage: 2.0V ~ 10V
Output Voltage Range: 0.9V ~ 6.0V(0.05V increments)
Highly Accurate: ±2% (VOUT>1.5V) ±30mV (VOUT≦1.5V)
Low Power Consumption: 25μA (TYP.)
Standby Current: Less than 0.1μA (TYP.)
High Ripple Rejection: 70dB (10kHz)
Operating Ambient Temperature: -40℃~ +85℃
Low ESR Capacitor: Ceramic capacitor
Compatible Packages: SOT-25
USP-6B
SOT-89-5
Environmentally Friendly: EU RoHS Compliant, Pb Free




Similar Part No. - XC6209F302PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209F302PR TOREX-XC6209F302PR Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results


Similar Description - XC6209F302PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6206_002 TOREX-XC6206_002 Datasheet
1Mb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
Low ESR Cap.Compatible Positive Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com