Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

345020 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

345020 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 345020
Download  345020 Download
File Size   418.27 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-FAS EMI WE-FAS 5G/6G Flexible Absorber Sheet

345020 Datasheet (PDF)

Go To PDF Page Download Datasheet
345020 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 345020
Download  345020 Click to download

File Size   418.27 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-FAS EMI WE-FAS 5G/6G Flexible Absorber Sheet

345020 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


345020 Product details

General Information:
Operating Temperature -20 °C up to +85 °C
Storage Conditions
(in original packaging) 5 °C up to + 40 °C; up to 75 %
Moisture Sensitivity Level (MSL) 1
non-inflammable/ self extinguishing
Test conditions of Electrical Properties: +20 °C, 33 % rH if not specified differently




Similar Part No. - 345020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3450200000 ETC2-3450200000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results


Similar Description - 345020

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
31401 WURTH-31401 Datasheet
614Kb / 2P
Flexible absorber foil WE-FAS for RFID
31402 WURTH-31402 Datasheet
614Kb / 2P
Flexible absorber foil WE-FAS for RFID
31403 WURTH-31403 Datasheet
614Kb / 2P
Flexible absorber foil WE-FAS for RFID
32401 WURTH-32401 Datasheet
616Kb / 2P
Flexible absorber foil WE-FAS EMI
32402 WURTH-32402 Datasheet
617Kb / 2P
Flexible absorber foil WE-FAS EMI
32403 WURTH-32403 Datasheet
617Kb / 2P
Flexible absorber foil WE-FAS EMI
32405 WURTH-32405 Datasheet
617Kb / 2P
Flexible absorber foil WE-FAS EMI
32410 WURTH-32410 Datasheet
616Kb / 2P
Flexible absorber foil WE-FAS EMI
324075 WURTH-324075 Datasheet
618Kb / 2P
Flexible absorber foil WE-FAS EMI
logo
Weidmuller
2748330000 WEIDMULLER-2748330000 Datasheet
593Kb / 3P
HDC MHX 2 FAS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com