Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA28N50F Datasheet (PDF) - ON Semiconductor

FDA28N50F Datasheet PDF - ON Semiconductor
Part # FDA28N50F
Download  FDA28N50F Download
File Size   1531.05 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel UniFETTM FRFET® MOSFET 500 V, 28 A, 175 mΩ

FDA28N50F Datasheet (PDF)

Go To PDF Page Download Datasheet
FDA28N50F Datasheet PDF - ON Semiconductor

Part # FDA28N50F
Download  FDA28N50F Click to download

File Size   1531.05 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel UniFETTM FRFET® MOSFET 500 V, 28 A, 175 mΩ

FDA28N50F Datasheet (HTML) - ON Semiconductor


FDA28N50F Product details

Features
• RDS(on) = 140 mΩ (Typ.) @ VGS = 10 V, ID = 14 A
• Low Gate Charge (Typ. 80 nC)
• Low Crss (Typ. 38 pF)
• 100% Avalanche Tested
• Improved dv/dt Capability
• RoHS Compliant

Applications
• PDP TV
• Uninterruptible Power Supply
• AC-DC Power Supply

Description
UniFETTM MOSFET is Fairchild Semiconductor’s high voltage MOSFET family based on planar stripe and DMOS technology. This MOSFET is tailored to reduce on-state resistance, and to provide better switching performance and higher avalanche energy strength. The body diode’s reverse recovery performance of UniFET FRFET® MOSFET has been enhanced by lifetime control. Its trr is less than 100nsec and the reverse dv/dt immunity is 15V/ns while normal planar MOSFETs have over 200nsec and 4.5V/nsec respectively. Therefore, it can remove additional component and improve system reliability in certain applications in which the performance of MOSFET’s body diode is significant. This device family is suitable for switching power converter applications such as power factor correction (PFC), flat panel display (FPD) TV power, ATX and electronic lamp ballasts.




Similar Part No. - FDA28N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA28N50F FAIRCHILD-FDA28N50F Datasheet
541Kb / 8P
N-Channel MOSFET 500V, 28A, 0.175廓
FDA28N50F FAIRCHILD-FDA28N50F Datasheet
298Kb / 14P
DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDA28N50F ISC-FDA28N50F Datasheet
346Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
N-Channel MOSFET 500V, 28A, 0.175廓
More results


Similar Description - FDA28N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF20N50FT FAIRCHILD-FDPF20N50FT Datasheet
429Kb / 10P
N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
FDP16N50U FAIRCHILD-FDP16N50U Datasheet
826Kb / 9P
N-Channel UniFETTM Ultra FRFET MOSFET
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
logo
ON Semiconductor
FDT4N50NZU ONSEMI-FDT4N50NZU Datasheet
213Kb / 10P
MOSFET - Power, N-Channel, UniFET II, Ultra FRFET 500 V, 2 A, 3
February, 2021 ??Rev. 1
FCPF190N60-F152 ONSEMI-FCPF190N60-F152 Datasheet
1Mb / 10P
N-Channel SuperFET® II MOSFET 600 V, 20.2 A, 199 mΩ
September-2017, Rev. 3
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
FDA16N50-F109 ONSEMI-FDA16N50-F109 Datasheet
1Mb / 9P
N-Channel UniFETTM MOSFET 500V, 16.5 A, 380 mΩ
September-2017, Rev. 3
FDP18N50 ONSEMI-FDP18N50 Datasheet
1Mb / 11P
N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ
November-2017, Rev 3
logo
Fairchild Semiconductor
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com