Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL7760AM6X Datasheet (PDF) - ON Semiconductor

FL7760AM6X Datasheet PDF - ON Semiconductor
Part # FL7760AM6X
Download  FL7760AM6X Download
File Size   308.49 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Side Sensing Constant Current Buck Controller for High Switching Frequency LED Driver

FL7760AM6X Datasheet (PDF)

Go To PDF Page Download Datasheet
FL7760AM6X Datasheet PDF - ON Semiconductor

Part # FL7760AM6X
Download  FL7760AM6X Click to download

File Size   308.49 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Side Sensing Constant Current Buck Controller for High Switching Frequency LED Driver

FL7760AM6X Datasheet (HTML) - ON Semiconductor


FL7760AM6X Product details

Features
• Wide Input Range (8 VDC~70 VDC)
• Continuous Conduction Mode Operation
• Hysteretic LED Current Control
• Wide analog dimming range down to 5%
• Wide PWM dimming duty range to 0.2% at 2 kHz PWM freq.
• High switching frequency up to 1 MHz
• High source / sink current of 1.5 A / 2.5 A
• Cycle−by−Cycle Peak Current Limit
• Low Operating Current (300 uA)
• Low Stand−by Current (240 uA)

Typical Applications
• LED Lighting System




Similar Part No. - FL7760AM6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7760 ONSEMI-FL7760 Datasheet
327Kb / 13P
High-Side Sensing Constant Current Buck Controller
April, 2018 ??Rev. 4
More results


Similar Description - FL7760AM6X

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3440 WINSEMI-WS3440 Datasheet
178Kb / 8P
Constant Current Controller For Non-isolated Buck LED Driver
logo
Supertex, Inc
AT9919 SUTEX-AT9919 Datasheet
726Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
HV9918 SUTEX-HV9918 Datasheet
477Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
logo
Microchip Technology
HV9919B MICROCHIP-HV9919B Datasheet
352Kb / 13P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
07/14/15
AT9919 MICROCHIP-AT9919 Datasheet
504Kb / 16P
Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
06/23/16
logo
ON Semiconductor
FL7760 ONSEMI-FL7760 Datasheet
327Kb / 13P
High-Side Sensing Constant Current Buck Controller
April, 2018 ??Rev. 4
logo
Maxic Technology Corpor...
MT771XL MAXIC-MT771XL Datasheet
227Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
MT777XH MAXIC-MT777XH Datasheet
234Kb / 1P
High Efficiency Buck Constant Current LED Driver
logo
Bright Power Semiconduc...
BP2812 BPS-BP2812 Datasheet
487Kb / 11P
Constant Current Controller For Non-isolated Buck LED Driver
Rev.1.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com