Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6-BL-D Datasheet (PDF) - Structured Cable Products Inc.

CAT6-BL-D Datasheet PDF - Structured Cable Products Inc.
Part # CAT6-BL-D
Download  CAT6-BL-D Download
File Size   979.34 Kbytes
Page   2 Pages
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.
Description CATEGORY 6 CABLE, 4 PAIR, UTP, UL CMR, Dca

CAT6-BL-D Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT6-BL-D Datasheet PDF - Structured Cable Products Inc.

Part # CAT6-BL-D
Download  CAT6-BL-D Click to download

File Size   979.34 Kbytes
Page   2 Pages
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.
Description CATEGORY 6 CABLE, 4 PAIR, UTP, UL CMR, Dca

CAT6-BL-D Datasheet (HTML) - Structured Cable Products Inc.


CAT6-BL-D Product details

Description:
CAT6 Dca RATED - CAT6 ENHANCED 550 MHz 23 AWG
SOLID BC, 4PR, UTP, ANSI/TIA 568.2- D, ISO/IEC 11801
CLASS E, UL CMR, EN50575:2014 Dca-s3,d2,a3
PVC JKT - 1000FT/305M

Application:
Networking Lan Cable
Low Voltage Cable -
Telecommunication
power limite




Similar Part No. - CAT6-BL-D

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
CAT6-BL-ETL STRUCTURED-CABLE-CAT6-BL-ETL Datasheet
882Kb / 2P
CATEGORY 6 CABLE, 4 PAIR, UTP, CMR ETL
CAT6-BL-HDBX STRUCTURED-CABLE-CAT6-BL-HDBX Datasheet
781Kb / 2P
CATEGORY 6 CABLE, 4 PAIR, UTP, UL CMR, HD BOX
Rev02/22
CAT6-BL-LSZH STRUCTURED-CABLE-CAT6-BL-LSZH Datasheet
673Kb / 2P
CATEGORY 6 LSZH CABLE, 4 PAIR, UTP
More results


Similar Description - CAT6-BL-D

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4812 BELDEN-4812 Datasheet
284Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMR
1212 BELDEN-1212 Datasheet
174Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1212F BELDEN-1212F Datasheet
163Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1533R BELDEN-1533R Datasheet
161Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1583A BELDEN-1583A Datasheet
184Kb / 4P
Category 5e Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
10GX12 BELDEN-10GX12 Datasheet
183Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
10GXW12 BELDEN-10GXW12 Datasheet
148Kb / 2P
10GXW (0.260”) Category 6A Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
10GXW52 BELDEN-10GXW52 Datasheet
139Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
XCGB4 BELDEN-XCGB4 Datasheet
197Kb / 2P
Category 6 Cross Connect Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1352A BELDEN-1352A Datasheet
167Kb / 3P
Category 6 Cable, 4 Pair, F/UTP, CMP
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com