Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2825261-2 Datasheet (PDF) - TE Connectivity Ltd

2825261-2 Datasheet PDF - TE Connectivity Ltd
Part # 2825261-2
Download  2825261-2 Download
File Size   2713.71 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description HIGH CURRENT VAL-U-LOK CONNECTORS

2825261-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
2825261-2 Datasheet PDF - TE Connectivity Ltd

Part # 2825261-2
Download  2825261-2 Click to download

File Size   2713.71 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description HIGH CURRENT VAL-U-LOK CONNECTORS

2825261-2 Datasheet (HTML) - TE Connectivity Ltd


2825261-2 Product details

KEY FEATURES
• Contacts are on a 4.2 mm centerline spacing
• 13 amp maximum current rating
• Headers offered with optional polarization pegs may help
prevent wrong orientation on the PCB
• Choice of Glow Wire Test (750°C, no flame) / UL 94 V-2
or V-0 material, or UL 94 V-0 material
• New high current contacts are compatible with existing
housings including TPA versions
• New product offering uses the same application tooling
that is used for the legacy 9 amp rated contacts allowing
for backward compatability
• Contacts are available in strip form or as loose pieces

STANDARDS & SPECIFICATIONS
• Product specification #108-150001
• Application specification #114-13172
• UL Recognized, File #E28476

APPLICATIONS
• Household appliances
• Industrial machinery
• Automotive/commercial vehicles
• Medical devices
• Vending machines and gaming equipment
• HVAC equipment
• Indoor / outdoor lighting
• Security systems
• Storage and networking systems

MORE DETAILS
For information about housings and TPA devices for
use with high current contacts, see the following:
• Quick reference guide 1773458-6, VAL-U-LOK
connectors
• Product flyer 1-1773730-3, VAL-U-LOK connectors
with TPA




Similar Part No. - 2825261-2

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2825 KR-2825 Datasheet
49Kb / 2P
196 MHz bandpass filter
logo
PHOENIX CONTACT
2825 PHOENIX-2825 Datasheet
829Kb / 7P
Power supply for intrinsically safe Inline terminals used in hazardous locations
logo
Heyco.
2825 HEYCO-2825 Datasheet
102Kb / 1P
Shorty Bushings
logo
List of Unclassifed Man...
2825-F ETC2-2825-F Datasheet
80Kb / 1P
KNOB
2825-H ETC2-2825-H Datasheet
80Kb / 1P
KNOB
More results


Similar Description - 2825261-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2008149-1 MACOM-2008149-1 Datasheet
189Kb / 3P
LIGHT-N-LOK Connectors
2-1586037-0 MACOM-2-1586037-0 Datasheet
87Kb / 1P
VERTICAL HEADER WITHOUT PEGS, WITH DRAIN HOLES VAL U LOK
38255 MACOM-38255 Datasheet
152Kb / 4P
Universal MATE N LOK Connectors
640901-1 MACOM-640901-1 Datasheet
152Kb / 4P
Universal MATE-N-LOK Connectors
640583-1 MACOM-640583-1 Datasheet
152Kb / 4P
UNIVERSAL MATE-N-LOK CONNECTORS
794957-1 MACOM-794957-1 Datasheet
66Kb / 1P
TERMINAL PIN VAL-U-LOK(TM)
logo
TE Connectivity Ltd
114-16017 TEC-114-16017 Datasheet
192Kb / 12P
Mini-Universal MATE-N-LOK Connectors
408-7714 TEC-408-7714 Datasheet
312Kb / 3P
Universal MATE-N-LOK Connectors
C-1969608 TEC-C-1969608 Datasheet
134Kb / 1P
USE WITH VAL-U-LOK HOUSINGS.
C-1969609 TEC-C-1969609 Datasheet
134Kb / 1P
USE WITH VAL-U-LOK HOUSINGS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com