Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP737 Datasheet (PDF) - ON Semiconductor

NCP737 Datasheet PDF - ON Semiconductor
Part # NCP737
Download  NCP737 Download
File Size   316.22 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Voltage Linear Regulator 65 V, 100 mA

NCP737 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP737 Datasheet PDF - ON Semiconductor

Part # NCP737
Download  NCP737 Click to download

File Size   316.22 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Voltage Linear Regulator 65 V, 100 mA

NCP737 Datasheet (HTML) - ON Semiconductor


NCP737 Product details

The NCP737 is a high-voltage tolerant linear regulator that offers
the benefits of thermally enhanced MSOP8 EP and DFNW8 3x3 (on
request) packages and is able to withstand continuous DC or transient
input voltages up to 65 V with Ultra-low Quiescent Current below
5 A. The device is stable with small 1 F Ceramic Output Capacitors
which allows smaller PCB design. The devices features enable pin
compatible with standard CMOS logic, internal power good circuit
with a user programmable delay via external capacitor. The active high
output of power good has open drain with internal current limitation.

Features
• Wide Input Voltage Range: 3 V to 65 V
• Output Voltage Versions:
♦ Fixed: 3.3 V (other versions on request)
♦ Adjustable: from 1.2 V up to 20.0 V
• ±0.5% Accuracy at TJ = 25 °C
• Very Low Quiescent Current: 5 A typ.
• Standby Current: 0.5 A typ.
• Stable with 1 F Ceramic Output Capacitor
• Power Good with Programmable Delay
• Thermal Shutdown and Current Limit Protection
• Built-in Soft Start Circuit to Suppress Inrush Current
• Available in Thermally Enhanced MSOP8 EP and DFNW8 3x3 (on
request) Packages
• Output Active Discharge Functions
• These are Pb-free Devices

Typical Applications
• Telecom, Industrial
• Battery and High-voltage Rail Sensors, Alarms and Security Systems
• Battery Powered Hand Tools
• Home Automation
• Smart Metering
• White Goods




Similar Part No. - NCP737

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP730 ONSEMI-NCP730 Datasheet
3Mb / 30P
LDO Regulator, 150 mA, 38V, 1 A IQ, with PG
March, 2020 ??Rev. 0
NCP730ASN250T1G ONSEMI-NCP730ASN250T1G Datasheet
3Mb / 30P
LDO Regulator, 150 mA, 38V, 1 A IQ, with PG
March, 2020 ??Rev. 0
NCP730ASN280T1G ONSEMI-NCP730ASN280T1G Datasheet
3Mb / 30P
LDO Regulator, 150 mA, 38V, 1 A IQ, with PG
March, 2020 ??Rev. 0
NCP730ASN300T1G ONSEMI-NCP730ASN300T1G Datasheet
3Mb / 30P
LDO Regulator, 150 mA, 38V, 1 A IQ, with PG
March, 2020 ??Rev. 0
NCP730ASN330T1G ONSEMI-NCP730ASN330T1G Datasheet
3Mb / 30P
LDO Regulator, 150 mA, 38V, 1 A IQ, with PG
March, 2020 ??Rev. 0
More results


Similar Description - NCP737

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com