Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7182WBCPZ Datasheet (PDF) - Analog Devices

ADV7182WBCPZ Datasheet PDF - Analog Devices
Part # ADV7182WBCPZ
Download  ADV7182WBCPZ Download
File Size   1877.13 Kbytes
Page   96 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, SDTV Video Decoder with Differential Inputs

ADV7182WBCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7182WBCPZ Datasheet PDF - Analog Devices

Part # ADV7182WBCPZ
Download  ADV7182WBCPZ Click to download

File Size   1877.13 Kbytes
Page   96 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, SDTV Video Decoder with Differential Inputs

ADV7182WBCPZ Datasheet (HTML) - Analog Devices


ADV7182WBCPZ Product details

FEATURES
Worldwide NTSC/PAL/SECAM color demodulation support
One 10-bit analog-to-digital converter (ADC), 4× oversampling
per channel for CVBS, Y/C mode, and YPrPb
Four analog video input channels with on-chip antialiasing filter
CVBS (composite), Y/C (S-Video), and YPrPb (component) video
input support
Fully differential, pseudo differential, and single-ended CVBS video input support Up to 4 V common-mode input range solution Excellent common-mode rejection capabilities
Five-line adaptive comb filters and CTI/DNR video enhancement TBC functionality provided by adaptive digital line length
tracking (ADLLT), signal processing, and enhanced first in,
first out (FIFO) management
Integrated automatic gain control (AGC) with adaptive peak white mode Video fast switch capability Adaptive contrast enhancement (ACE) Down dither (8 bits to 6 bits) RoviTM (Macrovision) copy protection detection NTSC/PAL/SECAM autodetection
8-bit ITU-R BT.656 YCrCb 4:2:2 output and HS, VS, or FIELD Full-featured VBI data slicer with teletext support (WST)
Power-down mode and ultralow sleep mode current
Two-wire serial MPU interface (I2C compatible)
Single 1.8 V supply possible
Automotive qualified models available −40°C to +105°C automotive temperature grade −40°C to +85°C industrial qualified temperature grade 32-lead, 5 mm × 5 mm, RoHS-compliant LFCSP

APPLICATIONS
Automotive infotainment
DVRs for video security Media players

GENERAL DESCRIPTION
The ADV7182 automatically detects and converts standard analog baseband video signals compatible with worldwide NTSC, PAL, and SECAM standards into a 4:2:2 component video data stream. This video data stream is compatible with the 8-bit ITU-R BT.656 interface standard.
External HS, VS, and FIELD signals can provide timing references for LCD controllers and other video ASICs. The accurate 10-bit analog-to-digital conversion provides professional quality video performance for consumer applications with true 8-bit data resolution. The analog video inputs accept both single-ended, pseudo-differential, and fully differential composite video signals as well as S-Video and YPbPr video signals, supporting a wide range of consumer and automotive video sources.
The ADV7182 along with an external resistor divider provide a common-mode input range of 4 V, enabling the removal of large signal, common-mode transients present on the video lines. Common-mode rejection (CMR) values of up to 80 dB can be achieved without the need for external amplifier circuitry.
The AGC and clamp restore circuitry allow an input video signal peak-to-peak range to 1.0 V at the analog video input pin of the ADV7182. Alternatively, these can be bypassed for manual settings.
The ADV7182 can be protected from short-to-battery (STB) events with standard ac coupling capacitors.
The ADV7182 is programmed via a two-wire, serial bidirectional port (I2C® compatible) and is fabricated in a 1.8 V CMOS process. Its monolithic CMOS construction ensures greater functionality with lower power dissipation.
The ADV7182 is provided in a space-saving LFCSP surface-mount, RoHS compliant package. The ADV7182 is available in an automo-tive grade that is rated over the −40°C to +105°C temperature range. This makes the ADV7182 ideal for automive applications. The ADV7182 is also available in a −40°C to +85°C temperature range, making it ideal for industrial applications.
The ADV7182 is a versatile one-chip multiformat video decoder that automatically detects PAL, NTSC, and SECAM standards in the form of composite, S-Video, and component video. The ADV7182 can receive composite signals in either single-ended or differential modes. This makes the ADV7182 ideal for automotive applications.
The ADV7182 converts these analog video formats into a digital 8-bit ITU-R BT.656 video stream.
The digital video output stream of the ADV7182 interfaces easily to a wide range of MPEG encoders, codecs, mobile video processors, and Analog Devices, Inc., digital video encoders, such as the ADV7391. External HS, VS, and FIELD signals provide timing references for LCD controllers and other video ASICs.




Similar Part No. - ADV7182WBCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7182WBCPZ AD-ADV7182WBCPZ Datasheet
1Mb / 96P
10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7182WBCPZ-RL AD-ADV7182WBCPZ-RL Datasheet
1Mb / 96P
10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
More results


Similar Description - ADV7182WBCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
10-Bit, 4 x Oversampling SDTV Video Decoder
11/06-Rev. 0 to Rev. A
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7281 AD-ADV7281 Datasheet
591Kb / 32P
10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
REV. A
ADV7282 AD-ADV7282 Datasheet
508Kb / 32P
10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs and Deinterlacer
REV. A
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
ADV7280A AD-ADV7280A Datasheet
514Kb / 26P
10-Bit, 4 x Oversampled SDTV Video Decoder with Deinterlacer
5/2018-Rev. 0 to Rev. A
ADV7281A AD-ADV7281A Datasheet
516Kb / 24P
10-Bit, 4x Oversampled SDTV Video Decoder with Differential Inputs
5/2018-Rev. 0 to Rev. A
ADV7282A AD-ADV7282A Datasheet
571Kb / 28P
10-Bit, 4x Oversampled SDTV Video Decoder with Differential Inputs
5/2018-Rev. 0 to Rev. A
ADV7281 AD-ADV7281_14 Datasheet
558Kb / 32P
Oversampled SDTV Video Decoder with Differential Inputs
4/14-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com