Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3S4R24 Datasheet (PDF) - TE Connectivity Ltd

RT3S4R24 Datasheet PDF - TE Connectivity Ltd
Part # RT3S4R24
Download  RT3S4R24 Download
File Size   1792.24 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Rectangular Connector Hoods & Bases

RT3S4R24 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT3S4R24 Datasheet PDF - TE Connectivity Ltd

Part # RT3S4R24
Download  RT3S4R24 Click to download

File Size   1792.24 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Rectangular Connector Hoods & Bases

RT3S4R24 Datasheet (HTML) - TE Connectivity Ltd


RT3S4R24 Product details

TE Internal Description: H10B-SDR-BO-PG16

Features
Product Type Features
Product Size 4
Hood & Base Connector Product Type Base Housing
Sealable Yes
Body Features
Material Die Cast Aluminum
Cable Entry Location Side
Mechanical Attachment
Locking Device Location Housing
Screw & Hole Thread Size 2PG16
Hood & Base Locking Device Type Locking
Dimensions
Height 54 mm
Length 94 mm
Usage Conditions
Corrosion Protected Yes
Operation/Application
Circuit Application Power & Signal
Packaging Features
Packaging Method Box




Similar Part No. - RT3S4R24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT3S4R24 MACOM-RT3S4R24 Datasheet
252Kb / 3P
Relay package consisting of RT relay, DIN-rail socket, plastic
More results


Similar Description - RT3S4R24

ManufacturerPart #DatasheetDescription
logo
FCI connector
8655MH1501 FCI-CONNECTOR-8655MH1501 Datasheet
116Kb / 2P
SHIELDED HOODS - TWO PART HOODS
8655MH3701 FCI-CONNECTOR-8655MH3701 Datasheet
141Kb / 2P
SHIELDED HOODS - TWO PART HOODS
logo
Systemsensor advanced i...
B401BH SYSTEMSENSOR-B401BH Datasheet
106Kb / 4P
Sounder Bases
logo
Dubilier
DBCDDH09NKL DUBILIER-DBCDDH09NKL Datasheet
96Kb / 1P
D TYPE CONNECTOR HOODS DIECAST HOODS
DBCDEH1 DUBILIER-DBCDEH1 Datasheet
117Kb / 1P
D TYPE CONNECTOR HOODS ETHERNET AND THINNERNET HOODS
DBCDPH09BLK DUBILIER-DBCDPH09BLK Datasheet
97Kb / 1P
D TYPE CONNECTOR HOODS PLASTIC HOODS
DBCDPH09BLK DUBILIER-DBCDPH09BLK_11 Datasheet
704Kb / 6P
D TYPE CONNECTOR HOODS PLASTIC HOODS
logo
Cooper Bussmann, Inc.
SD00-D COOPER-SD00-D Datasheet
421Kb / 8P
NH bases
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
Fuse Bases (Blocks)
logo
Molex Electronics Ltd.
1210120009 MOLEX-1210120009 Datasheet
89Kb / 1P
B15 SERIES BASES
2006/04/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com