Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ40 Datasheet (PDF) - STMicroelectronics

IRFZ40 Datasheet PDF - STMicroelectronics
Part # IRFZ40
Download  IRFZ40 Download
File Size   181.67 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS

IRFZ40 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ40 Datasheet PDF - STMicroelectronics

Part # IRFZ40
Download  IRFZ40 Click to download

File Size   181.67 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS

IRFZ40 Datasheet (HTML) - STMicroelectronics


IRFZ40 Product details

N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS

■ TYPICAL RDS(on) = 0.022 Ω
■ AVALANCHE RUGGED TECHNOLOGY
■ 100% AVALANCHE TESTED
■ REPETITIVE AVALANCHE DATA AT 100°C
■ LOW GATE CHARGE
■ HIGH CURRENT CAPABILITY
■ 175°C OPERATING TEMPERATURE

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SOLENOID AND RELAY DRIVERS
■ REGULATORS
■ DC-DC & DC-AC CONVERTERS
■ MOTOR CONTROL, AUDIO AMPLIFIERS
■ AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc.)




Similar Part No. - IRFZ40

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRFZ40 MOTOROLA-IRFZ40 Datasheet
135Kb / 2P
Power Field Effect Transistors
logo
Samsung semiconductor
IRFZ40 SAMSUNG-IRFZ40 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRFZ40 VISHAY-IRFZ40 Datasheet
1Mb / 8P
Power MOSFET
21-Mar-11
logo
New Jersey Semi-Conduct...
IRFZ40 NJSEMI-IRFZ40 Datasheet
912Kb / 3P
N-CHANNEL POWER MOSFETS
logo
Inchange Semiconductor ...
IRFZ40 ISC-IRFZ40 Datasheet
61Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - IRFZ40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Nov-1996
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Oct-1997
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
N-channel enhancement mode power mos transistors
Jun-1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com