Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1006-BD Datasheet (PDF) - Mimix Broadband

XP1006-BD Datasheet PDF - Mimix Broadband
Part # XP1006-BD
Download  XP1006-BD Download
File Size   225.73 Kbytes
Page   8 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 8.5-11.0 GHz GaAs MMIC Power Amplifier

XP1006-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XP1006-BD Datasheet PDF - Mimix Broadband

Part # XP1006-BD
Download  XP1006-BD Click to download

File Size   225.73 Kbytes
Page   8 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 8.5-11.0 GHz GaAs MMIC Power Amplifier

XP1006-BD Datasheet (HTML) - Mimix Broadband


XP1006-BD Product details

General Description
Mimix Broadband’s three stage 8.5-11.0 GHz GaAs MMIC power amplifier has a large signal gain of 21.0 dB with a +40.0 dBm saturated output power and also includes on-chip gate bias circuitry. This MMIC uses Mimix Broadband’s 0.5 m GaAs PHEMT device model technology, and is based upon optical gate lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for radar applications.

Features
➤ X-Band 10W Power Amplifier
➤ 21.0 dB Large Signal Gain
➤ +40.0 dBm Saturated Output Power
➤ 30% Power Added Efficiency
➤ On-chip Gate Bias Circuit
➤ 100% On-Wafer RF, DC and Output Power Testing
➤ 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XP1006-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1006-FA MIMIX-XP1006-FA Datasheet
228Kb / 6P
8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA MIMIX-XP1006-FA Datasheet
198Kb / 6P
8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-0N00 MIMIX-XP1006-FA-0N00 Datasheet
228Kb / 6P
8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-0N00 MIMIX-XP1006-FA-0N00 Datasheet
198Kb / 6P
8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-EV1 MIMIX-XP1006-FA-EV1 Datasheet
228Kb / 6P
8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
More results


Similar Description - XP1006-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
15MPA0566 MIMIX-15MPA0566 Datasheet
149Kb / 6P
11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1006 MIMIX-XP1006 Datasheet
242Kb / 6P
8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
11.0-16.0 GHz GaAs MMIC Power Amplifier
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006-FA MIMIX-XP1006-FA Datasheet
228Kb / 6P
8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1020-BD MIMIX-XP1020-BD Datasheet
308Kb / 6P
11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1006-FA MIMIX-XP1006-FA_07 Datasheet
198Kb / 6P
8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1014-BD MIMIX-XP1014-BD Datasheet
136Kb / 5P
8.5-11.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 3.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com