Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8012 Datasheet (PDF) - Intersil Corporation

ISL8012 Datasheet PDF - Intersil Corporation
Part # ISL8012
Download  ISL8012 Download
File Size   1204.4 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator

ISL8012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8012 Datasheet PDF - Intersil Corporation

Part # ISL8012
Download  ISL8012 Click to download

File Size   1204.4 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator

ISL8012 Datasheet (HTML) - Intersil Corporation


ISL8012 Product details

The ISL8012 is a high efficiency, monolithic, synchronous step-down DC/DC converter that can deliver up to 2A continuous output current from a 2.7V to 5.5V input supply. It uses a current control architecture to deliver very low duty cycle operation at high frequency with fast transient response and excellent loop stability.
   
Features
• High Efficiency Synchronous Buck Regulator with up to 95%
    Efficiency
• Power-Good (PG) Output with a 1ms Delay
• 2.7V to 5.5V Supply Voltage
• 3% Output Accuracy Over-Temperature/Load/Line
• 2A Guaranteed Output Current
• Start-up with Pre-Biased Output
• Internal Soft-Start - 1ms
• Soft-Stop Output Discharge During Disabled
• 40µA Quiescent Supply Current in PFM Mode
• Selectable Forced PWM Mode and PFM Mode
• Less than 1µA Logic Controlled Shutdown Current
• 100% Maximum Duty Cycle
• Internal Current Mode Compensation
• Peak Current Limiting and Hiccup Mode Short Circuit
    Protection
• Over-Temperature Protection
• Small 10 Ld 3mmx3mm DFN
• Pb-Free (RoHS Compliant)
   
Applications
• DC/DC POL Modules
• µC/µP, FPGA and DSP Power
• Plug-in DC/DC Modules for Routers and Switchers
• Portable Instruments
• Test and Measurement Systems
• Li-ion Battery Powered Devices
• Small Form Factor (SFP) Modules
• Bar Code Readers
   




Similar Part No. - ISL8012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8012 INTERSIL-ISL8012 Datasheet
1Mb / 16P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
March 17, 2010
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
495Kb / 11P
1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
December 8, 2010
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
570Kb / 12P
High Performance 1A Linear Regulator with Programmable Current Limiting
February 24, 2011
More results


Similar Description - ISL8012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 27, 2007
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 20, 2007
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 4, 2009
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 25, 2009
ISL8012 INTERSIL-ISL8012_10 Datasheet
1Mb / 16P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
March 17, 2010
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 23, 2009
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com