Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3212-SWARE-PRINTER Datasheet (PDF) - TE Connectivity Ltd

T3212-SWARE-PRINTER Datasheet PDF - TE Connectivity Ltd
Part # T3212-SWARE-PRINTER
Download  T3212-SWARE-PRINTER Download
File Size   1882.6 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description CONTINUOUS TUBE HIGH TEMPERATURE HT-CT

T3212-SWARE-PRINTER Datasheet (PDF)

Go To PDF Page Download Datasheet
T3212-SWARE-PRINTER Datasheet PDF - TE Connectivity Ltd

Part # T3212-SWARE-PRINTER
Download  T3212-SWARE-PRINTER Click to download

File Size   1882.6 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description CONTINUOUS TUBE HIGH TEMPERATURE HT-CT

T3212-SWARE-PRINTER Datasheet (HTML) - TE Connectivity Ltd


T3212-SWARE-PRINTER Product details

Features
Product Type Features
Printable Tubing Type Continuous
Printable Tubing Grade High Temperature
Body Features
Printable Tubing Shrink Ratio 3:1
Primary Product Color Yellow
Dimensions
Supplied Inner Diameter 2.4 mm[.094 in]
Recovered Inside Diameter .8 mm[.031 in]
Compatible Cable Diameter Range 81 -1.9 mm[.032 - .075 in]
Usage Conditions
Operating Temperature Range -55-225 °C[-67 — 437 °F]
Operation/Application
Recommended Ribbon See TE Document 411-121005 the Printer Product Ribbon Matrix
Printer/Label Features
Recommended Printer See TE Document 411-121005 the Printer Product Ribbon Matrix
Printer Technology Thermal Transfer




Similar Part No. - T3212-SWARE-PRINTER

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T3212-PRINTER TEC-T3212-PRINTER Datasheet
149Kb / 5P
THERMAL TRANSFER PRINTER
June 2018
More results


Similar Description - T3212-SWARE-PRINTER

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830644 PHOENIX-0830644 Datasheet
51Kb / 3P
High-temperature label - EML-HT (15X6)R
0830645 PHOENIX-0830645 Datasheet
50Kb / 3P
High-temperature label - EML-HT (20X7)R
0830646 PHOENIX-0830646 Datasheet
50Kb / 3P
High-temperature label - EML-HT (24X4)R
0830647 PHOENIX-0830647 Datasheet
50Kb / 3P
High-temperature label - EML-HT (25X8)R
0830648 PHOENIX-0830648 Datasheet
50Kb / 3P
High-temperature label - EML-HT (25,4X12,7)R
0830649 PHOENIX-0830649 Datasheet
50Kb / 3P
High-temperature label - EML-HT (32X10)R
0830650 PHOENIX-0830650 Datasheet
50Kb / 3P
High-temperature label - EML-HT (35X6,5)R
0830652 PHOENIX-0830652 Datasheet
50Kb / 3P
High-temperature label - EML-HT (15X6)RL-T
0830655 PHOENIX-0830655 Datasheet
50Kb / 3P
High-temperature label - EML-HT (24X4)RL-T
0830656 PHOENIX-0830656 Datasheet
50Kb / 3P
High-temperature label - EML-HT (25X8)RL-T
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com