Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM01 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

EM01 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # EM01
Download  EM01 Download
File Size   58.96 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description PLASTIC SILICON RECTIFIER

EM01 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM01 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # EM01
Download  EM01 Click to download

File Size   58.96 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description PLASTIC SILICON RECTIFIER

EM01 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


EM01 Product details

VOLTAGE RANGE: 200 --- 600 V
CURRENT: 1.0 A

FEATURES 
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Freon,Alcohol,Isopropanol
   and similar solvents
◇ The plastic material carries U/L recognition 94V-0

MECHANICAL DATA
◇ Case:JEDEC DO--41,molded plastic
◇ Terminals: Axial lead ,solderable per MIL- STD-202,Method 208
◇ Polarity: Color band denotes cathode
◇ Weight: 0.012ounces,0.34 grams
◇ Mounting position: Any




Similar Part No. - EM01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EM01 SANKEN-EM01 Datasheet
23Kb / 1P
Rectifier Diodes
EM01 SANKEN-EM01 Datasheet
23Kb / 1P
Rectifier Diodes
logo
Shenzhen Luguang Electr...
EM01 LUGUANG-EM01 Datasheet
168Kb / 2P
Plastic Silicon Rectifiers
logo
Sanken electric
EM01 SANKEN-EM01 Datasheet
172Kb / 3P
Silicon Rectifier Diode
logo
Diode Semiconductor Kor...
EM01 DSK-EM01 Datasheet
281Kb / 2P
PLASTIC SILICON RECTIFIERS
More results


Similar Description - EM01

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
PLASTIC SILICON RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com