Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K43T Datasheet (PDF) - Broadcom Corporation.

ACPL-K43T Datasheet PDF - Broadcom Corporation.
Part # ACPL-K43T
Download  ACPL-K43T Download
File Size   924.73 Kbytes
Page   16 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Automotive R2Coupler™ Wide Operating Temperature 1-MBd Digital Optocoupler in a Stretched 8-Pin Surface-Mount Plastic Package

ACPL-K43T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-K43T Datasheet PDF - Broadcom Corporation.

Part # ACPL-K43T
Download  ACPL-K43T Click to download

File Size   924.73 Kbytes
Page   16 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Automotive R2Coupler™ Wide Operating Temperature 1-MBd Digital Optocoupler in a Stretched 8-Pin Surface-Mount Plastic Package

ACPL-K43T Datasheet (HTML) - Broadcom Corporation.


ACPL-K43T Product details

Description
The Broadcom® ACPL-K43T is a single-channel, high-temperature, high-CMR, high-speed digital optocoupler in an eight-lead miniature footprint specifically used in the automotive applications. The ACPL-K44T is a dual-channel equivalent of the ACPL-K43T. Both products are available in the stretched SO-8 package outline designed to be compatible with standard surface-mount processes.
This digital optocoupler uses an insulating layer between the light-emitting diode and an integrated photo detector to provide electrical insulation between input and output. Separate connections for the photodiode bias and output transistor collector increase the speed up to a hundred times over that of a conventional photo-transistor coupler by reducing the base-collector capacitance.
Broadcom R2Coupler™ isolation products provide with reinforced insulation and reliability that deliver safe signal isolation, which is critical in automotive and high-temperature industrial applications.

Features
 High temperature and reliability low-speed digital interface for automotive applications
 Ultra-low drive for status feedback at IF = 0.8 mA or 1.5 mA
 30 kV/μs (typ.) high common-mode rejection at VCM = 1500V
 Compact, auto-insertable stretched SO8 packages
 Qualified to AEC Q100 Grade 1 test guidelines
 Wide operating temperature range: –40°C to +125°C
 High speed: 1 MBd
 Low propagation delay: 1 μs max. at IF = 10 mA
 Worldwide safety approval:
– UL 1577 approval, 5 kVRMS/1 min.
– CSA approval
– IEC/EN/DIN EN 60747-5-5

Applications
 Automotive IPM driver for DC-DC converters and motor inverters
 Status feedback and wake-up signal isolation
 CANBus and SPI communications interface
 High-temperature digital/analog signal isolation




Similar Part No. - ACPL-K43T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K43T-000E AVAGO-ACPL-K43T-000E Datasheet
127Kb / 11P
Automotive R2CouplerTM Wide Operating Temperature
ACPL-K43T-060E AVAGO-ACPL-K43T-060E Datasheet
127Kb / 11P
Automotive R2CouplerTM Wide Operating Temperature
ACPL-K43T-500E AVAGO-ACPL-K43T-500E Datasheet
127Kb / 11P
Automotive R2CouplerTM Wide Operating Temperature
ACPL-K43T-560E AVAGO-ACPL-K43T-560E Datasheet
127Kb / 11P
Automotive R2CouplerTM Wide Operating Temperature
More results


Similar Description - ACPL-K43T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
ACPL-M43T-500E AVAGO-ACPL-M43T-500E Datasheet
136Kb / 9P
Wide Operating Temperature Automotive Digital Optocoupler
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
logo
Broadcom Corporation.
ACFL-5211T-000E BOARDCOM-ACFL-5211T-000E Datasheet
312Kb / 12P
Automotive R2CouplerTM Wide Operating Temperature 1MBd Digital Optocoupler in a Stretched 12-Pin Surface Mount Plastic Package
ACFL-6211T-000E BOARDCOM-ACFL-6211T-000E Datasheet
477Kb / 13P
Automotive High-Speed, Low-Power Digital Optocoupler with R2Coupler짰 Isolation in a Stretched 12-Pin Surface Mount Plastic Package
ACFL-6212T-000E BOARDCOM-ACFL-6212T-000E Datasheet
477Kb / 13P
Automotive High-Speed, Low-Power Digital Optocoupler with R2Coupler짰 Isolation in a Stretched 12-Pin Surface Mount Plastic Package
ACNT-H50L BOARDCOM-ACNT-H50L Datasheet
644Kb / 11P
1-MBd Optocoupler in 15-mm Stretched SO8 Package
ACPL-K44T BOARDCOM-ACPL-K44T Datasheet
59Kb / 2P
Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K44T AVAGO-ACPL-K44T Datasheet
59Kb / 2P
Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com