Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD967201-Q1 Datasheet (PDF) - Texas Instruments

CSD967201-Q1 Datasheet PDF - Texas Instruments
Part # CSD967201-Q1
Download  CSD967201-Q1 Download
File Size   1371.46 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD967201-Q1 Automotive Synchronous Buck Smart Power Stage

CSD967201-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD967201-Q1 Datasheet PDF - Texas Instruments

Part # CSD967201-Q1
Download  CSD967201-Q1 Click to download

File Size   1371.46 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD967201-Q1 Automotive Synchronous Buck Smart Power Stage

CSD967201-Q1 Datasheet (HTML) - Texas Instruments


CSD967201-Q1 Product details

1 Features
• 3V to 20V input voltage range
• 60A nominal, 90A peak current capability
• AEC-Q100 qualified for automotive applications
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range, TA
– Junction temperature: –40°C to +150°C, TJ
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 87.7% power stage peak efficiency at 650kHz, 12V
VIN, 0.6V VOUT
• 89.4% power stage peak efficiency at 650kHz, 12V
VIN, 0.8V VOUT
• Reduced switch-node ringing
• High-frequency operation (up to 2MHz)
• Temperature compensated bi-directional current
sense reporting (5μA/A)
• Body braking mode (BB)
• Fault detection
– High-side short (HSS)
• Fault protection
– Overtemperature (OT)
– Cycle-by-cycle valley overcurrent limiting
(IOCVALLEY)
– Secondary peak over current protection
(IOCPEAK)
– Cycle-by-cycle negative overcurrent detection
• 5mm × 6mm × 0.75mm QFN industry common
footprint package
• Green, RoHS compliant without exemption

2 Applications
• Automotive ADAS
• Automotive infotainment and cluster
• Software-defined vehicle: high-performance
compute

3 Description
The CSD967201-Q1 power stage is a highly
optimized design for use in an automotive qualified
high-power, high-density synchronous buck converter.
This device integrates the driver IC and power
MOSFETs into one Pb-free monolithic design to
complete the power stage switching function. This
combination produces high-current, high-efficiency,
and high-speed switching capability in a small industry
standard 5mm × 6mm × 0.75mm footprint.
CSD967201-Q1 integrates accurate current sensing
and temperature sensing functionality to simplify
system design and improve accuracy. Protections
include cycle-by-cycle overcurrent and negative
overcurrent limiting, overtemperature shutdown, HS
FET short, and UVLO on VCC, VIN, and BOOT.
The CSD967201-Q1 is compatible with the
TPS64300-Q1 VRS-11 controller, as well as other
standard VRS-11 controllers.




Similar Part No. - CSD967201-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD96370Q5M TI-CSD96370Q5M Datasheet
1,004Kb / 19P
Synchronous Buck NexFET??Power Stage
CSD96370Q5M TI-CSD96370Q5M Datasheet
1,004Kb / 19P
Synchronous Buck NexFET??Power Stage
CSD96370Q5M TI2-CSD96370Q5M Datasheet
924Kb / 19P
Synchronous Buck NexFET™ Power Stage
REVISED OCTOBER 2011
CSD96370Q5M.B TI2-CSD96370Q5M.B Datasheet
924Kb / 19P
Synchronous Buck NexFET™ Power Stage
REVISED OCTOBER 2011
More results


Similar Description - CSD967201-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
Synchronous Buck NexFET Smart Power Stage
CSD95472Q5MC TI1-CSD95472Q5MC_16 Datasheet
259Kb / 11P
Synchronous Buck NexFET Smart Power Stage
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95490Q5MC TI1-CSD95490Q5MC Datasheet
766Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95480RWJ TI1-CSD95480RWJ Datasheet
816Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
CSD93501-Q1 TI-CSD93501-Q1 Datasheet
915Kb / 13P
CSD93501-Q1 Synchronous Buck Monolothic Smart Power Stage
OCTOBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com