Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM67680RZYR Datasheet (PDF) - Texas Instruments

LM67680RZYR Datasheet PDF - Texas Instruments
Part # LM67680RZYR
Download  LM67680RZYR Download
File Size   2504.81 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM65680, LM65660 and LM65640 65V, 8A/6A/4A, Synchronous Buck DC/DC Converter Family With Low-EMI ZEN 1 Switcher Technology Optimized for High Power Density

LM67680RZYR Datasheet (PDF)

Go To PDF Page Download Datasheet
LM67680RZYR Datasheet PDF - Texas Instruments

Part # LM67680RZYR
Download  LM67680RZYR Click to download

File Size   2504.81 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM65680, LM65660 and LM65640 65V, 8A/6A/4A, Synchronous Buck DC/DC Converter Family With Low-EMI ZEN 1 Switcher Technology Optimized for High Power Density

LM67680RZYR Datasheet (HTML) - Texas Instruments


LM67680RZYR Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid IEC 61508-2
system design
• Versatile synchronous buck converter family
– Wide input voltage range of 3.5V to 65V
– 4A, 6A, and 8A output current options
– Adjustable output voltage from 0.8V to 60V, or
fixed output options of 3.3V and 5V
– 150°C maximum junction temperature
– 36ns tON(min) for high step-down conversion
• ZEN 1 switcher technology
– Facilitates CISPR 11 or 32 Class B compliance
– Enhanced HotRod™ QFN (eQFN) package with
symmetrical pinout design and minimal LLOOP
– Spread Spectrum (DRSS) and switching slewrate
control reduce peak emissions
– Switching frequency from 300kHz to 2.2MHz
– AUTO, FPWM, or SYNC operation
• High efficiency across the full load current range
– 95% at 48VIN, 12VOUT, 8A, 400kHz
– Multiphase stackable for higher output current
– Dual-input VCC subregulator with BIAS option
– VIN sleep quiescent current as low as 1.8μA
• Improved reliability with optimized pinout design
and clearance for short-circuit-to-adjacent-pin test
– VIN to PGND pin clearance of 1.1mm
• Create a custom design using the LM65680/60/40
converter with WEBENCH® Power Designer

2 Applications
• Industrial automation, test and measurement
• Medical imaging systems, energy infrastructure
• Enterprise systems, wireless infrastructure

3 Description
The LM65680/60/40 is a synchronous buck DC/DC
converter offered from a family of devices with ZEN 1
technology designed for low EMI, high power density,
and excellent conversion efficiency. Integrated power
MOSFETs with low RDS(on) enable up to 8A of output
current across a wide input voltage range of 3.5V to
65V.
Phase stackable with synchronized interleaving,
the peak current-mode control architecture of the
LM65680/60/40 supports accurate current sharing
with paralleled phases for higher output currents.
AUTO mode enables frequency foldback during lightload
operation, giving high light-load efficiency and a
no-load input current as low as 2.2μA, which extends
operating run-time in battery-powered systems.
A high-side switch minimum on-time of 36ns facilitates
large step-down ratios, enabling the direct conversion
from 24V or 48V inputs to low-voltage rails for
reduced system cost and complexity. The package
has several NC pins between critical power pins,
which improve the Failure Modes and Effects Analysis
(FMEA) result.




Similar Part No. - LM67680RZYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM67680RZYRQ1 TI-LM67680RZYRQ1 Datasheet
2Mb / 54P
LM656x0-Q1 70V, 8A/6A/4A, Automotive Buck Converters Optimized for Low EMI and High Power Density
OCTOBER 2024
LM67680RZYRQ1 TI-LM67680RZYRQ1 Datasheet
702Kb / 11P
LM686x0-Q1 70V, 8A/6A/4A, Automotive Buck Converters Optimized for Safety-Relevant Applications
OCTOBER 2024
LM67680RZYRQ1 TI2-LM67680RZYRQ1 Datasheet
681Kb / 12P
LM686x0-Q1 70V, 8A/6A/4A, Automotive Buck Converters Optimized for Safety-Relevant Applications
OCTOBER 2024
More results


Similar Description - LM67680RZYR

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Unisonic Technologies
P1690 UTC-P1690 Datasheet
136Kb / 5P
0.4A, 150KHZ 65V BUCK DC TO DC CONVERTER
logo
XLSEMI
XL7005 XLSEMI-XL7005 Datasheet
205Kb / 7P
0.5A 200KHz 65V Buck DC to DC Converter
logo
Fitipower Integrated Te...
FR9808 FITIPOWER-FR9808 Datasheet
1Mb / 13P
21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
Texas Instruments
LM61495-Q1 TI1-LM61495-Q1 Datasheet
269Kb / 4P
LM62460-Q1, LM61480/95-Q1 6A/8A/10-A Automotive Buck Converter Optimized for Power Density and Low EMI
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
logo
Analog Devices
LT3154 AD-LT3154 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com