Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST0410 Datasheet (PDF) - ABB

PST0410 Datasheet PDF - ABB
Part # PST0410
Download  PST0410 Download
File Size   85.42 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description LS1 PLIABLE CONDUIT TYPE T 20MM 10M

PST0410 Datasheet (PDF)

Go To PDF Page Download Datasheet
PST0410 Datasheet PDF - ABB

Part # PST0410
Download  PST0410 Click to download

File Size   85.42 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description LS1 PLIABLE CONDUIT TYPE T 20MM 10M

PST0410 Datasheet (HTML) - ABB


PST0410 Product details

Extended Product Type PST0410
Product ID 7TCA297020R0342
EAN 5011949217089
Catalog Description LS1 PLIABLE CONDUIT TYPE T 20MM 10M
Long Description
Liquid Tight, Low Fire Hazard Covered Conduit, Nominal Conduit Size 20mm, 1/2 Inch
US Trade Size, Outside Diameter 21.0mm, Inside Diameter 14.6mm, Static Bend Radius
40mm, Reel Length 10 Meters, IP66, IP67 Rating, Galvanised Steel and Kraft Paper Core
with Low Fire Hazard Covering, Black
General Information




Similar Part No. - PST0410

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST04 PST-PST04 Datasheet
232Kb / 4P
Industrial, naval applications
logo
ABB
PST0430 ABB-PST0430 Datasheet
85Kb / 3P
LS1 PLIABLE CONDUIT TYPE T 20MM
More results


Similar Description - PST0410

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
Conduit Fitting
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
Straight Conduit Fitting to PEEK Conduit
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
Conduit Fitting
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
Conduit-to-Conduit Fitting
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A Datasheet
273Kb / 3P
20mm Size Metal Shaft Type
EM20B ALPS-EM20B Datasheet
127Kb / 3P
20mm Size Metal Shaft Magnetic Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
20mm Size Metal Shaft Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
20mm Size Metal Shaft Type
logo
NXP Semiconductors
LS1048A NXP-LS1048A Datasheet
155Kb / 2P
QorIQ LS1 Processor Family
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com