Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDH400/P Datasheet (PDF) - Thurlby Thandar Instruments Ltd.

LDH400/P Datasheet PDF - Thurlby Thandar Instruments Ltd.
Part # LDH400/P
Download  LDH400/P Download
File Size   4476.58 Kbytes
Page   14 Pages
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.
Description ±200V & ±20V models Source Measure Units

LDH400/P Datasheet (PDF)

Go To PDF Page Download Datasheet
LDH400/P Datasheet PDF - Thurlby Thandar Instruments Ltd.

Part # LDH400/P
Download  LDH400/P Click to download

File Size   4476.58 Kbytes
Page   14 Pages
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.
Description ±200V & ±20V models Source Measure Units

LDH400/P Datasheet (HTML) - Thurlby Thandar Instruments Ltd.


LDH400/P Product details

KEY FEATURES
CLASS LEADING PERFORMANCE
Powerflex technology achieves full instrument output power across 85% of voltage range.
0.015% basic accuracy with 6½ digit resolution
High speed, low glitch auto ranging capability
Sense terminals for 4 Wire operation and guard capabilities.
ULTIMATE USER EXPERIENCE
User friendly front panel GUI with on screen numeric or graphical results
Internally calculated resistance and power measurements.
User settable bipolar compliance limits
Variable slew rate control
High voltage safety interlock, user interface password protected, rear panel interlock control.
Quiet operation
Context sensitive help button
ADVANCED FEATURES
Advanced sweep engine
Advanced math features for data handling
Tolerance band result sorting
Advanced load modes: Current, power and resistance- with integral voltage dropout setting
SIMPLIFY TEST SETUPS
Advanced sequencing mode
SCPI compliant digital remote interfaces
‘SMU-Link’ Link two SMU’s together to perform simultaneously via a handshake triggering system.
Advanced global triggering available via external DIO and remote commands
CLASS LEADING PERFORMANCE
Powerflex technology achieves full instrument output power across the majority of the voltage range.
0.015% basic accuracy with 6½ digit resolution.
High speed, low glitch auto ranging capability.
Sense terminals for 4 wire operation and guard capabilities.
ULTIMATE USER EXPERIENCE
User friendly front panel GUI with on screen numeric or graphical results.
Internally calculated resistance and power measurements.
User settable bipolar compliance limits.
Variable slew rate control.
High voltage safety interlock, user interface password protected, rear panel interlock control.
Quiet operation.
Context sensitive help button.
ADVANCED FEATURES
Advanced sweep engine.
Advanced math features for data handling.
Tolerance band result sorting.
Advanced load modes [LC, LR & LP] with integral voltage dropout setting.
SIMPLIFY TEST SETUPS
Advanced sequencing mode.
SCPI compliant digital remote interfaces.
‘SMU-Link’ Link two SMUs together to perform simultaneously via a handshake triggering system.
Advanced global triggering available via external DIO and remote commands.




Similar Part No. - LDH400/P

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDH-25 MEANWELL-LDH-25 Datasheet
591Kb / 6P
DC-DC Step-Up Constant Current LED driver
LDH-25-250 MEANWELL-LDH-25-250 Datasheet
591Kb / 6P
DC-DC Step-Up Constant Current LED driver
LDH-25-250W MEANWELL-LDH-25-250W Datasheet
591Kb / 6P
DC-DC Step-Up Constant Current LED driver
LDH-25-350 MEANWELL-LDH-25-350 Datasheet
591Kb / 6P
DC-DC Step-Up Constant Current LED driver
LDH-25-350W MEANWELL-LDH-25-350W Datasheet
591Kb / 6P
DC-DC Step-Up Constant Current LED driver
More results


Similar Description - LDH400/P

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B2901A KEYSIGHT-B2901A Datasheet
5Mb / 24P
B2900A Series Precision Source/Measure Unit
B2911A KEYSIGHT-B2911A Datasheet
5Mb / 24P
B2900A Series Precision Source/Measure Unit
B2912A KEYSIGHT-B2912A Datasheet
5Mb / 24P
B2900A Series Precision Source/Measure Unit
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
PXIe High-Speed Source/Measure Unit
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
Modular Source Measure Unit
N6785A KEYSIGHT-N6785A Datasheet
1Mb / 10P
Source/Measure Units (SMUs) for the N6700 Modular Power System
N6786A KEYSIGHT-N6786A Datasheet
1Mb / 10P
Source/Measure Units (SMUs) for the N6700 Modular Power System
logo
Guangdong Youtai Semico...
SS22F UMW-SS22F Datasheet
645Kb / 3P
20V-200V 2A
SS32 UMW-SS32_V01 Datasheet
500Kb / 2P
20V-200V 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com