Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2561D-1 Datasheet (PDF) - Renesas Technology Corp

PS2561D-1 Datasheet PDF - Renesas Technology Corp
Part # PS2561D-1
Download  PS2561D-1 Download
File Size   462.72 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110 °C

PS2561D-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2561D-1 Datasheet PDF - Renesas Technology Corp

Part # PS2561D-1
Download  PS2561D-1 Click to download

File Size   462.72 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110 °C

PS2561D-1 Datasheet (HTML) - Renesas Technology Corp


PS2561D-1 Product details

DESCRIPTION
The PS2561D-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon phototransistor.
The PS2561D-1 is in a plastic DIP (Dual In-line Package) and the PS2561DL-1 is lead bending type (Gullwing) for surface mount.
The PS2561DL1-1 is lead bending type for long creepage distance.
The PS2561DL2-1 is lead bending type for long creepage distance (Gull-wing) for surface mount.

FEATURES
• Operating ambient temperature: 110 °C
• High isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 80 V)
• High current transfer ratio (CTR = 160 % TYP.)
• High-speed switching (tr = 3 μs TYP., tf = 5 μs TYP.)
• Ordering number of taping product: PS2561DL-1-F3 : 2 000 pcs/reel
• : PS2561DL2-1-F3 : 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: UL1577, Double protection
• CSA approved: CAN/CSA-C22.2 No. 62368-1, Reinforced insulation
• BSI approved: BS EN 62368-1, Reinforced insulation
• SEMKO approved: EN 62368-1, IEC 62368-1, Reinforced insulation
• NEMKO approved: EN 62368-1, Reinforced insulation
• FIMKO approved: EN 62368-1, Reinforced insulation
• DEMKO approved: EN 62368-1, Reinforced insulation
• CQC approved: GB8898, GB4943.1, Reinforced insulation
• VDE approved: DIN EN 60747-5-5 (Option)

APPLICATIONS
• Power supply
• Telephone/FAX.
• FA/OA equipment
• Programmable logic controllers




Similar Part No. - PS2561D-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2561D-1 NEC-PS2561D-1 Datasheet
127Kb / 13P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561D-1 CEL-PS2561D-1 Datasheet
271Kb / 17P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
167Kb / 19P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 RENESAS-PS2561D-1 Datasheet
575Kb / 18P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110 C
Rev.3.00 Jan. 13, 2026
More results


Similar Description - PS2561D-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 NEC-PS2561D-1 Datasheet
127Kb / 13P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 CEL-PS2561D-1 Datasheet
271Kb / 17P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 RENESAS-PS2561D-1_15 Datasheet
167Kb / 19P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com