Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV37 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

BYV37 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # BYV37
Download  BYV37 Download
File Size   89.72 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description FAST RECOVERY RECTIFIER

BYV37 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYV37 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # BYV37
Download  BYV37 Click to download

File Size   89.72 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description FAST RECOVERY RECTIFIER

BYV37 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


BYV37 Product details

VOLTAGE RANGE: 800 --- 1000 V CURRENT: 2.0 A
   
FEATURES
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Freon,Alcohol,Isopropanol
    and similar solvents
◇ The plastic material carries U/L recognition 94V-0
   




Similar Part No. - BYV37

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV37 VISHAY-BYV37 Datasheet
41Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
BYV37 VISHAY-BYV37 Datasheet
378Kb / 4P
Fast Avalanche Sinterglass Diode
31-Mar-10
logo
SUNMATE electronic Co.,...
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
logo
Vishay Siliconix
BYV37 VISHAY-BYV37 Datasheet
124Kb / 5P
Fast Avalanche Sinterglass Diode
04-Sep-12
logo
Diode Semiconductor Kor...
BYV37 DSK-BYV37 Datasheet
294Kb / 2P
FAST RECOVERY RECTIFIERS
More results


Similar Description - BYV37

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com