Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS400 Datasheet (PDF) - Hexawave, Inc

HWS400 Datasheet PDF - Hexawave, Inc
Part # HWS400
Download  HWS400 Download
File Size   139.17 Kbytes
Page   3 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2 GHz SPDT Terminated Switch

HWS400 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS400 Datasheet PDF - Hexawave, Inc

Part # HWS400
Download  HWS400 Click to download

File Size   139.17 Kbytes
Page   3 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-2 GHz SPDT Terminated Switch

HWS400 Datasheet (HTML) - Hexawave, Inc


HWS400 Product details

Description
The HWS400 is a GaAs MMIC SPDT terminated (non-reflective) switch in a low cost QFN12L (3x3 mm) plastic package and can be used in both 50 ohm and 75 ohm systems. The HWS400 features low insertion loss and high isolation with very low DC power consumption. Typical applications include CATV and basestation systems for either SPDT or SPST functions.

Features
• High Isolation: 55 dB @ 870 MHz
• 50 or 75 Ohm Systems
• Low DC Power Consumption
• Miniature QFN12L (3x3 mm) Plastic Package




Similar Part No. - HWS400

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS407 HW-HWS407 Datasheet
135Kb / 3P
GaAs DC-6 GHz DPDT Switch
HWS408 HW-HWS408 Datasheet
77Kb / 2P
GaAs DC-3 GHz SPDT Switch
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
More results


Similar Description - HWS400

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-442 MA-COM-SW-442 Datasheet
126Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com