Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD767DP65 Datasheet (PDF) - ShenZhen ChipSourceTek Technology Co.,Ltd.

XPD767DP65 Datasheet PDF - ShenZhen ChipSourceTek Technology Co.,Ltd.
Part # XPD767DP65
Download  XPD767DP65 Download
File Size   1117.44 Kbytes
Page   17 Pages
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.
Description Supports XPD-LINK™ interconnect USB dual-port controller

XPD767DP65 Datasheet (PDF)

Go To PDF Page Download Datasheet
XPD767DP65 Datasheet PDF - ShenZhen ChipSourceTek Technology Co.,Ltd.

Part # XPD767DP65
Download  XPD767DP65 Click to download

File Size   1117.44 Kbytes
Page   17 Pages
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.
Description Supports XPD-LINK™ interconnect USB dual-port controller

XPD767DP65 Datasheet (HTML) - ShenZhen ChipSourceTek Technology Co.,Ltd.


XPD767DP65 Product details

Features
 USB PD3.0 certified (TID: 3479)
 Supports XPD-LINK™ multi-chip interconnect communication technology
 Supports USB Type-C protocol
 Supports USB Power Delivery (PD) 3.0 and PPS protocols
- Configurable PDO: 5V, 9V, 12V, 15V, 20V
- Output power up to 65W
- Configurable APDO: 5V Prog, 9V Prog, 15V Prog, 20V Prog




Similar Part No. - XPD767DP65

ManufacturerPart #DatasheetDescription
logo
SHEN ZHEN FINE MADE ELE...
XPD767 SUPERCHIP-XPD767 Datasheet
2Mb / 14P
USB Type-C PD and Type-A dual-port controller
Version 1.4
XPD767 SUPERCHIP-XPD767 Datasheet
2Mb / 15P
Supports XPD-LINK™ interconnect USB single-port controller
Version 1.7
More results


Similar Description - XPD767DP65

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
FireLink USB Dual Controller Quad Port USB
logo
Intersil Corporation
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
Dual USB Port Power Supply Controller
October 22, 2010
logo
Texas Instruments
TSU6111A TI1-TSU6111A Datasheet
1Mb / 32P
USB Port SP2T Switch Supports USB & UART
logo
Intersil Corporation
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
Dual USB Port Power Supply Controller
March 8, 2012
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
USB Dual Port Power Supply Controller
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
USB Dual Port Power Supply Controller
Aug 10, 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com